Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS117 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # DS117
Description  Chip-scale packages for maximum design flexibility
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS117 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button DS117 Datasheet HTML 9Page - Lumileds Lighting Company DS117 Datasheet HTML 10Page - Lumileds Lighting Company DS117 Datasheet HTML 11Page - Lumileds Lighting Company DS117 Datasheet HTML 12Page - Lumileds Lighting Company DS117 Datasheet HTML 13Page - Lumileds Lighting Company DS117 Datasheet HTML 14Page - Lumileds Lighting Company DS117 Datasheet HTML 15Page - Lumileds Lighting Company DS117 Datasheet HTML 16Page - Lumileds Lighting Company DS117 Datasheet HTML 17Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DS117 LUXEON FlipChip White Product Datasheet 20151123 ©2015 Lumileds Holding B.V. All rights reserved.
12
Color Bin Definition
Table 6. 3- and 5-step MacAdam ellipse color bin definitions for LUXEON FlipChip White.
NOMINAL CCT
COLOR SPACE [1, 2, 3]
CENTER POINT
(cx, cy)
MAJOR AXIS,
a
MINOR AXIS,
b
ELLIPSE ROTATION
ANGLE, θ
2700K
Single 3-step MacAdam ellipse
(0.4578, 0.4101)
0.00810
0.00420
53.7°
3000K
Single 3-step MacAdam ellipse
(0.4338, 0.4030)
0.00834
0.00408
53.2°
4000K
Single 3-step MacAdam ellipse
(0.3818, 0.3797)
0.00939
0.00402
53.7°
5000K
Single 3-step MacAdam ellipse
(0.3447, 0.3553)
0.00822
0.00354
59.6°
5700K
Single 3-step MacAdam ellipse
(0.3287, 0.3417)
0.00745
0.00319
59.1°
2700K
Single 5-step MacAdam ellipse
(0.4578, 0.4101)
0.01350
0.00700
53.7°
3000K
Single 5-step MacAdam ellipse
(0.4338, 0.4030)
0.01390
0.00680
53.2°
4000K
Single 5-step MacAdam ellipse
(0.3818, 0.3797)
0.01565
0.00670
53.7°
5000K
Single 5-step MacAdam ellipse
(0.3447, 0.3553)
0.01370
0.00590
59.6°
5700K
Single 5-step MacAdam ellipse
(0.3287, 0.3417)
0.01234
0.00533
59.1°
Notes for Table 6 :
1. The 3-step MacAdam ellipse is segmented into two sub-bins, one above (3U) and one below (3L) the blackbody line, for products with a minimum CRI of 80. Products with a minimum CRI of 70
are only available in a single 3-step MacAdam ellipse (30).
2. The 5-step MacAdam ellipse is divided into quadrants (5A, 5B, 5C, and 5D) for all products.
3. Lumileds maintains a tolerance of ±0.005 on x and y coordinates in the CIE 1931 color space.
Figure 7: 3- and 5-step MacAdam ellipse illustration for Table 7.
Figure 5: Color bin definition for LUXEON FlipChip White
at 70 CRI .
Figure 6: Color bin definition for LUXEON FlipChip White
at 80 CRI .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com