Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C4007 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C4007
Description  Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Female Cable Using PE-FF430 Coax, RoHS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4007 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C4007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4007 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4007 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C4007 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Female
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Fieldfox® is a registered trademark of Keysight Technologies
CellAdvisor® is registered trademark Viavi Solutions
SiteHawk® is a registered trademark of Bird Technologies
Environmental Specifications
Temperature
Operating Range
-55 to +105 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C4007 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Female Cable Using PE-
FF430 Coax, RoHS PE3C4007
RF Cable Assemblies Technical Data Sheet
Handheld RF Analyzer Rugged Phase Stable Cable N
Male to N Female Cable Using PE-FF430 Coax, RoHS
PE3C4007



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com