Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC467064 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC467064
Description  High-Performance microController with a 16k UV Erasable CMOS EPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC467064 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  HPC467064 Datasheet HTML 1Page - National Semiconductor (TI) HPC467064 Datasheet HTML 2Page - National Semiconductor (TI) HPC467064 Datasheet HTML 3Page - National Semiconductor (TI) HPC467064 Datasheet HTML 4Page - National Semiconductor (TI) HPC467064 Datasheet HTML 5Page - National Semiconductor (TI) HPC467064 Datasheet HTML 6Page - National Semiconductor (TI) HPC467064 Datasheet HTML 7Page - National Semiconductor (TI) HPC467064 Datasheet HTML 8Page - National Semiconductor (TI) HPC467064 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TLDD11046
PRELIMINARY
August 1992
HPC167064HPC467064 High-Performance
microController with a 16k UV Erasable CMOS EPROM
General Description
The HPC167064 is a member of the HPC family of High
Performance microControllers Each member of the family
has the same core CPU with a unique memory and IO
configuration to suit specific applications The HPC167064
has a 16 kbyte high-speed UV-erasable electrically pro-
grammable CMOS EPROM This is ideally suited for appli-
cations where fast turnaround pattern experimentation and
code
confidentiality
are
important
requirements
The
HPC167064 can serve as a stand-alone emulator for either
the HPC16064 or the HPC16083 Two configuration regis-
ters have been added for emulation of the different chips
The on-chip EPROM replaces the presently available user
ROM space The on-chip EPROM can be programmed via a
DATA IO UNISITE There are security features added to
the chip to implement READ ENCRYPTED READ and
WRITE privileges for the on-chip EPROM These defined
privileges are intended to deter theft alteration or uninten-
tional destruction of user code Each part is fabricated in
National’s advanced microCMOS technology This process
combined with an advanced architecture provides fast flex-
ible IO control efficient data manipulation and high speed
computation
The HPC devices are complete microcomputers on a single
chip All system timing internal logic EPROM RAM and
IO are provided on the chip to produce a cost effective
solution for high performance applications On-chip func-
tions such as UART up to eight 16-bit timers with 4 input
capture registers vectored interrupts WATCHDOGTM logic
and MICROWIREPLUSTM provide a high level of system
integration The ability to address up to 64k bytes of exter-
nal memory enables the HPC to be used in powerful appli-
cations typically performed by microprocessors and expen-
sive peripheral chips
The microCMOS process results in very low current drain
and enables the user to select the optimum speedpower
product for his system The IDLE and HALT modes provide
further current savings The HPC167064 is available only in
68-pin LDCC package
Features
Y
HPC familycore features
16-bit architecture both byte and word operations
16-bit data bus ALU and registers
64 kbytes of direct memory addressing
FAST200 ns for fastest instruction when using
200 MHz clock 134 ns at 300 MHz
High code efficiencymost instructions are single
byte
16 x 16 multiply and 32 x 16 divide
Eight vectored interrupt sources
Four 16-bit timercounters with 4 synchronous out-
puts and WATCHDOG logic
MICROWIREPLUS serial IO interface
CMOSvery low power with two power save modes
IDLE and HALT
Y
16 kbytes high speed UV erasable electrically program-
mable CMOS EPROM
Y
Stand-alone emulation of HPC16083 and HPC16064
family
Y
EPROM and configuration bytes programmable by
DATA IO UNISITE with Pinsite Module
Y
Four selectable levels of security to protect on-chip
EPROM contents
Y
UARTfull duplex programmable baud rate
Y
Four additional 16-bit timercounters with pulse width
modulated outputs
Y
Four input capture registers
Y
52 general purpose IO lines (memory mapped)
Y
Commercial (0 Cto a70 C) and military (b55 Cto
a
125 C) temperature ranges for 200 MHz commercial
(0 Cto a70 C) for 300 MHz
Block Diagram (HPC167064 with 16k EPROM shown)
TLDD11046 – 1
Series 32000
and TRI-STATE
are registered trademarks of National Semiconductor Corporation
MICROWIREPLUSTM and WATCHDOGTM are trademarks of National Semiconductor Corporation
UNIX
is a registered trademark of AT
T Bell Laboratories
IBM
and PC-AT
are registered trademarks of International Business Machines Corp
SunOSTM is a trademark of Sun Microsystems
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - HPC467064

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HPC46003 NSC-HPC46003 Datasheet
467Kb / 36P
High-Performance microControllers
HPC46003V20 NSC-HPC46003V20 Datasheet
467Kb / 36P
High-Performance microControllers
HPC46004 NSC-HPC46004 Datasheet
407Kb / 36P
High-Performance microController
HPC46064 NSC-HPC46064 Datasheet
407Kb / 36P
High-Performance microController
HPC46083 NSC-HPC46083 Datasheet
467Kb / 36P
High-Performance microControllers
More results

Similar Description - HPC467064

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2716 NTE-NTE2716 Datasheet
34Kb / 5P
Integrated Circuit NMOS, 16K UV Erasable PROM
logo
Fairchild Semiconductor
NM27C020 FAIRCHILD-NM27C020 Datasheet
119Kb / 14P
2,097,152-Bit (256K x 8) UV Erasable CMOS EPROM
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
ATMEL Corporation
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
8-Megabit 1M x 8 UV Erasable CMOS EPROM
logo
Microchip Technology
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
logo
Zilog, Inc.
Z86E61 ZILOG-Z86E61 Datasheet
466Kb / 44P
CMOS Z8 16K/32K EPROM MICROCONTROLLER
logo
STMicroelectronics
ETC2716Q STMICROELECTRONICS-ETC2716Q Datasheet
255Kb / 9P
16K BIT CMOS UV ERASABLE PROM
logo
National Semiconductor ...
NMC27C128B NSC-NMC27C128B Datasheet
366Kb / 10P
High Speed Version 131,072-Bit(16k x 8) UV Erasable CMOS PROM
logo
Zilog, Inc.
Z86E6116PSC ZILOG-Z86E6116PSC Datasheet
2Mb / 69P
Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com