Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PETP1014 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PETP1014
Description  Low PIM 20 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PETP1014 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PETP1014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PETP1014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PETP1014 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PETP1014 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PETP1014 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PETP1014 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PETP1014 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PETP1014
PETP1014 REV 1.1
Passive IM Response
Low PIM 20 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 20 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1014
URL: https://www.pasternack.com/low-pim-20db-4.1-9.5-mini-din-unequaltapper-5.85-ghz-300watts-petp1014-p.aspx
Low PIM 20 dB 4.1/9.5 Mini DIN Unequal Tapper
From 350 MHz to 5.85 GHz Rated to 300 Watts
RF Tappers Technical Data Sheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com