Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7335 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7335
Description  Low Power Consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7335 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7335 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7335 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7335 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7335 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7335 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7335 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7335 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7335 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7335 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT73XX
Low Power Consumption LDO
Selection Table
Part No.
Output Voltage
Tolerance
Package
Marking
HT7318
1.8V
±3%
TO-92-A
TO-92-B
SOT-89-A
73XX-A (for TO-92-A)
73XX-B (for TO-92-B)
73XX-A (for SOT-89)
HT7325
2.5V
±3%
HT7327
2.7V
±3%
HT7330
3.0V
±3%
HT7333
3.3V
±3%
HT7335
3.5V
±3%
HT7350
5.0V
±3%
Note:
²XX² stands for output voltages
Rev. 1.10
1
July 30, 2004
Features
· Ultra low quiescent current: 4mA (typ.)
· High input voltage (up to 12V)
· Output voltage:
1.8V, 2.5V, 2.7V, 3.0V, 3.3V, 3.5V, 5.0V
· Output voltage accuracy: tolerance ±3%
· Maximum output current: 250mA
· Low dropout voltage
· Low temperature coefficient
· TO-92, SOT-89 package
Applications
· Battery-powered equipment
· Voltage regulator for microprocessor
· Voltage regulator for LAN cards
· Wireless Communication equipment
· Audio/Video equipment
General Description
The HT73XX series is a set of three-terminal, low power,
high voltage regulators implemented in CMOS technol-
ogy. The series features extremely low quiescent cur-
rent which is typically 4
mA. They allow input voltages as
high as 12V. The device provides large current with a
significantly small dropout voltage.
The HT73XX consists of a high-precision voltage refer-
ence, an error correction circuit, and a current limited
output driver. They are available with several fixed out-
put voltages ranging from 1.8V to 5.0V. CMOS technol-
ogy ensures low dropout voltage and low current
consumption. Although designed primarily as fixed volt-
age regulators, these devices can be used with external
components to generate variable voltages and currents.


Similar Part No. - HT7335

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7335 HOLTEK-HT7335 Datasheet
125Kb / 12P
Low Power Consumption LDO
January 12, 2006
HT7335 HOLTEK-HT7335 Datasheet
335Kb / 8P
Low Power Consumption LDO
More results

Similar Description - HT7335

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
Low Power Consumption LDO
January 12, 2006
logo
Leshan Radio Company
LR7530 LRC-LR7530 Datasheet
209Kb / 9P
100mA CMOS Low Power LDO Low power consumption
logo
Guangdong Kexin Industr...
WL2805N KEXIN-WL2805N Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF KEXIN-WL2805N-HF Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
logo
ACE Technology Co., LTD...
ACE5013T ACE-ACE5013T Datasheet
574Kb / 8P
300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
logo
Will Semiconductor Ltd.
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
Low power consumption, CMOS LDO
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
Low power consumption, CMOS LDO
logo
Shanghai Leiditech Elec...
LM71XX LEIDITECH-LM71XX Datasheet
1Mb / 12P
Low dropout micro power consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com