Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2159S Datasheet(PDF) 4 Page - International Rectifier

Part # IR2159S
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159S Datasheet(HTML) 4 Page - International Rectifier

  IR2159S Datasheet HTML 1Page - International Rectifier IR2159S Datasheet HTML 2Page - International Rectifier IR2159S Datasheet HTML 3Page - International Rectifier IR2159S Datasheet HTML 4Page - International Rectifier IR2159S Datasheet HTML 5Page - International Rectifier IR2159S Datasheet HTML 6Page - International Rectifier IR2159S Datasheet HTML 7Page - International Rectifier IR2159S Datasheet HTML 8Page - International Rectifier IR2159S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
IR21592/IR21593(S)
4
www.irf.com
Electrical Characteristics (cont.)
VCC = VBS = VBIAS = 14V +/- 0.25V, VCS = 0.5V, VSD = 0.0V, RFMIN = 40k, CVCO = 10 nF, VDIM = 0.0V, RMAX = 33k,
RMIN = 56k, VTPH = 0.0V, CLO,HO = 1000pF, TA = 25
oC unless otherwise specified.
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
Floating Supply Characteristics
IBSFMIN
VBS supply current (low freq.)
—
0
—
VVCO = 0V
IBSFMAX
VBS supply current (high freq.)
—
30
—
VVCO = 5V
ILK
Offset supply leakage current
—
—
50
VB = VS = 600V
µA
Oscillator I/O Characteristics
fvco
VCO frequency range (IR21592)
15
18
22
VVCO=0V, RFMIN=40KΩ
(See graph 11)
73
95
108
VVCO=5V, RFMIN=40KΩ
fvco
VCO frequency range (IR21593)
—
30
—
VVCO=0V, RFMIN=40KΩ
(See graph 12)
—
230
—
VVCO=5V, RFMIN=40KΩ
d
Gate drive outputs duty cycle
—
50
—
%
VVCO = 2.5V
VVCOFLT
Fault-mode VCO pin voltage (UVLO,
—
5—
V
shutdown, over-current/temp.)
IVCOPH
Preheat mode VCO pin discharge current
—
1.0
—
VCPH=2.5V, VIPH=0.5V
IVCODIM
Dim mode VCO pin discharge current
—
16.0
—
VVCO=2.5V, VCPH=5.5V,
VIPH=0.5V, 1V Pulse at
CS
µA
kHz
tr
Turn-on rise time
48.5
120
180
tf
Turn-off fall time
24.25
65
145
Gate Driver Output Characteristics
ns
IVCOPK
Amplitude control VCO pin charging current
—
60
—
µA
VCPH=0V, VCS =1V,
VIPH=0.5V, VVCO=2.5V
tDTLO
LO output deadtime (IR21592)
—
1.8
—
tDTHO
HO output deadtime (IR21592)
—
1.8
—
tDTLO
LO output deadtime (IR21593)
—
1.0
—
tDTHO
HO output deadtime (IR21593)
—
1.0
—
µs
VVCO=0V, VMIN=1.5V,
VIPH=0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com