Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6402AIR Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6402AIR
Description  1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6402AIR Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6402AIR Datasheet HTML 9Page - Intersil Corporation ISL6402AIR Datasheet HTML 10Page - Intersil Corporation ISL6402AIR Datasheet HTML 11Page - Intersil Corporation ISL6402AIR Datasheet HTML 12Page - Intersil Corporation ISL6402AIR Datasheet HTML 13Page - Intersil Corporation ISL6402AIR Datasheet HTML 14Page - Intersil Corporation ISL6402AIR Datasheet HTML 15Page - Intersil Corporation ISL6402AIR Datasheet HTML 16Page - Intersil Corporation ISL6402AIR Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
FN9010.3
Because of the nature of this current sensing technique, and
to accommodate a wide range of rDS(ON) variations, the
value of the overcurrent threshold should represent an
overload current about 150% to 180% of the maximum
operating current. If more accurate current protection is
desired, place a current sense resistor in series with the
lower MOSFET source.
Over-Temperature Protection
The IC incorporates an over-temperature protection circuit
that shuts the IC down when a die temperature of 150°C is
reached. Normal operation resumes when the die
temperatures drops below 130°C through the initiation of a
full soft-start cycle.
Implementing Synchronization
The SYNC pin may be used to synchronize two or more
controllers. When the SYNC pins of two controllers are
connected together, one controller becomes the master and
the other controller synchronizes to the master. A pull-down
resistor is required and must be sized to provide a low
enough time constant to pass the SYNC pulse. Connect this
pin to VCC_5V if not used. Figure 18 shows the SYNC pin
waveform operating at 4 times the switching frequency.
Feedback Loop Compensation
To reduce the number of external components and to
simplify the process of determining compensation
components, both PWM controllers have internally
compensated error amplifiers. To make internal
compensation possible several design measures were
taken.
First, the ramp signal applied to the PWM comparator is
proportional to the input voltage provided via the VIN pin.
This keeps the modulator gain constant with variation in the
input voltage. Second, the load current proportional signal is
derived from the voltage drop across the lower MOSFET
during the PWM time interval and is subtracted from the
amplified error signal on the comparator input. This creates
an internal current control loop. The resistor connected to
the ISEN pin sets the gain in the current feedback loop. The
following expression estimates the required value of the
current sense resistor depending on the maximum operating
load current and the value of the MOSFET’s rDS(ON).
Choosing RCS to provide 32µA of current to the current
sample and hold circuitry will ensure accurate overcurrent
detection.
VOUT2 2V/DIV
PHASE2 10V/DIV
IL 2V/DIV
FIGURE 16. OVERCURRENT TRIP WAVEFORMS
VOUT2 2V/DIV
SS2 2V/DIV
IOUT2 2V/DIV
FIGURE 17. OVERCURRENT CONTINUOUS HICCUP MODE
WAVEFORMS
FIGURE 18. SYNC WAVEFORM
SYNC 1V/DIV
RCS
IMAX
() R
DSon
)
()
32
µA
---------------------------------------------
≥
ISL6402A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com