Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-3718H/HG/HO Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-3718H/HG/HO
Description  PC/104 I/O & Power Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-3718H/HG/HO Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-3718H/HG/HO Datasheet HTML 1Page - Advantech Co., Ltd. PCM-3718H/HG/HO Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC/104 CPU Modules
PC/104 I/O & Power Modules
PCM-3718H/HG/HO
100 kS/s, 12-bit, 16-Ch PC/104
Multi-function Modules
Specifications
Analog Input
Channels
16 single-ended / 8 differential
Resolution
12 bits
Max. Sampling Rate
100 KHz* (DMA transfer), *80 kHz on P4-based (or better)
Input Impedance
10 M
W
Input Range
PCM-3718H and
PCM-3718HO
Bipolar:
±10, ±5, ±2.5, ±1.25, ±0.625
Unipolar:
0 ~ 10, 0 ~ 5, 0 ~ 2.5, 0 ~ 1.25
PCM-3718HG
Bipolar:
±10, ±5, ±1, ±0.5, ±0.1, ±0.05, ±0.01, ±0.005
Unipolar:
0 ~ 10, 0 ~ 1, 0 ~ 0.1, 0 ~ 0.01
Analog Output (PCM-3718HO only)
Channels
1 (12 bits)
Output Rate
Static update
Output Range
Internal Reference
Unipolar (V):
0 ~ 5, 0 ~ 10
External Reference (V)
0 ~10, 0 ~ -10
Output Impedance
0.1 W max.
Digital Input/Output
Channels
16, 5V/TTL
General
I/O Connectors
2 x 20-pin box header
Power Consumption
Typical: 5 V @ 180 mA; Max.: 5 V @ 400 mA
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Ordering Information
P/N
Description
PCM-3718H-CE
100 kS/s, 12-bit Multi. PC/104 Module
PCM-3718HG-CE
100 kS/s, 12-bit High-gain Multi. PC/104 Module
PCM-3718HO-BE
100 kS/s, 12-bit Multi. PC/104 Module w/AO
Specifications
Digital Input/Output
Channels
48 (bi-directional)
Compatibility
5 V/TTL
Input Voltage
Logic 0: 0.8 V max. @ -1 μA
Logic 1: 2.0 V min. @ 1 μA
Output Voltage
Logic 0: 0.4 V max. @ 35 mA max.
Logic 1: 2.0 V min. @ -35 mA max
Interrupt Capable Ch.
2
General
Bus Type
PC/104
I/O Connectors
2 x 50-pin box header
Dimensions (L x H)
96 x 90 mm (3.8" x 3.5")
Power Consumption
5 V @ 90 mA
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Storage Humidity
0 ~90% RH, non-condensing
Ordering Information
P/N
Description
PCM-3724-BE
PC/104 48-bit Digital I/O Card
PCM-3724
48-Ch Digital I/O PC/104
Module
PCM-3753I
96-Ch Digital I/O PCI-104
Module
Specifications
Digital Input/Output
Channels
96 (bi-directional)
Compatibility
5 V/TTL
Input Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
Output Voltage
Logic 0: 0.4 V max.
Logic 1: 2.4 V min.
Output Capability
Sink: 0.4 V @ 24 mA
Source: 2.4 V @ 15 mA
General
I/O Connectors
4 x IDC 50-pin
Operating Temperature
-20 ~ 70° C
Storage Temperature
-50 ~ 120° C
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Ordering Information
P/N
Description
PCM-3753I-AE
96-Ch Digital I/O PCI-104 Module
PCM-3761I
8-Ch Relay and 8-Ch Isolated
Digital Input PCI-104 Module
Specifications
Isolated Digital Input
Channels
8
Input Voltage
Logic 0: 3 V max., Logic 1: 5 V min., 30 V max.
Input Current
2.5 mA @ 5 V, 15 mA @ 30 V
Input Resistance
2 k
W 0.5 W
Isolation Protection
2,500 VDC
Overvoltage Protection
70 VDC
Interrupt Capable Ch.
8
Opto-isolator Response Time
25 μs
Relay Output
Channels
8
Relay Type
DPDT, Form C
Contact Rating
0.25 A @ 250 VAC, 2 A @ 30 VDC
Operate/Release Time
typ. 3 / 2 ms, max. 5 / 4 ms
Life Span
5 x 107 cycles typ.: 10 mA @ 12 V
2 x 105 cycles typ.: 2000 mA @ 30 V
Resistance Contact
50 m
Ω
Insulation
1 G
Ω min. (at 500 VDC)
General
I/O Connectors
1 x IDC-50 pin, 1 x IDC-20 pin
Operating Temperature
0 ~ 60° C (32 ~ 140° F) (refer to IEC 68-2-1, 2)
Storage Temperature
-20 ~ 70° C (-4 ~ 158° F)
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Ordering Information
P/N
Description
PCM-3761I-AE
8-Ch Relay/Isolated Digital Input PCI-104 Module
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Similar Part No. - PCM-3718H/HG/HO

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3718H/3718HG ADVANTECH-PCM-3718H/3718HG Datasheet
334Kb / 1P
12-bit Multifunction Module with Programmable Gain DC to DC Power Supply PC/104-plus Module
More results

Similar Description - PCM-3718H/HG/HO

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
I/O Modules
logo
ADL Embedded Solutions
104-DIO24E ADL-104-DIO24E Datasheet
97Kb / 2P
PC/104-Analog I/O Board
logo
Axiomtek Co., Ltd.
STB97300 AXIOMTEK-STB97300_14 Datasheet
186Kb / 1P
PC/104 Form Factor STX Baseboard with Multiple I/O Features
logo
List of Unclassifed Man...
PCM-9112 ETC2-PCM-9112 Datasheet
284Kb / 1P
PC-104 Plus Modules
logo
Advantech Co., Ltd.
PC104 ADVANTECH-PC104 Datasheet
558Kb / 2P
PC/104 Datacom Modules
PCM-3117 ADVANTECH-PCM-3117_11 Datasheet
725Kb / 1P
PC/104 I/O & Power Modules
PCM-3117 ADVANTECH-PCM-3117_V01 Datasheet
558Kb / 2P
PC/104 Datacom Modules
15-Jan-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com