Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGV Datasheet(PDF) 2 Page - Lumberg

Part # SGV
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

SGV Datasheet(HTML) 2 Page - Lumberg

  SGV Datasheet HTML 1Page - Lumberg SGV Datasheet HTML 2Page - Lumberg SGV Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
03 0383
01/2018
2
*a
flat gasket
Environmental conditions
Temperature range
-40 °C/+85 °C
Materials
Cap
CuZn, nickel-plated
Seal
CR
Chain
CuZn, pre-nickel and verchromt
Mechanical data
Protection class
IP68 1
1
according to IEC DIN EN 60529, only in locked condition with an appropriate counterpart; IPX8
requirements under agreement between manufacturer and user
Associated products
Accessories
�
0314
�
0314-1
�
0314-2
�
0315
�
0315-1
�
0315-1 U
�
0315-2
�
0316
�
0316-1
�
0316-2
�
0317
�
0317-1
�
0317-2
�
031798-1
�
031798-2
�
031799-2
�
0318
�
0318-1
�
0318-2
�
0331
�
0332
�
0332-1
�
033200
�
0365
�
036500
�
SFV
�
SGR
�
SGV
�
SV
�
SV ...-8
�
WSV
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com