| Electronic Components Datasheet Search |
|
CDB5463U Datasheet(PDF) 21 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB5463U Datasheet(HTML) 21 Page - Cirrus Logic |
|
21 / 38 page ![]() CDB5463U DS805DB2 21 2.8.7.4 Histogram Bin Width This field determines the "bin width" when plotting histograms of the collected data. Each vertical bar in the histogram plot will contain the number of output codes entered in this field. Increasing this number may allow the user to view histograms with larger input ranges. 2.8.7.5 Data to Collect These two check boxes allow the user to select the data types that will be collected and returned to the PC for processing. 2.8.7.6 Cycle Count The value in the Cycle Count field will be written to the Cycle Count register in the CS5463. The Cycle Count register determines the length of one computation cycle. The Cycle Count value should be selected appropriately according to the Data to Collect setting. For example, if the Data to Collect is instantaneous current, voltage, or power it is better to set Cycle Count to 1. 2.8.7.7 Accept Button When this button is pressed, the current settings will be saved, and the user will return to the Data Col- lection Window. 2.8.8 Collecting Data Sets To collect a sample data set: 1. In the Data Collection Window, press the Config button to bring up the Configuration window and view the current settings. 2. Select the appropriate settings from the available options (see the Configuration Window section) and press the Accept button. 3. The Data Collection Window should still be visible. Press the Collect button to begin collecting data. 4. Once the data has been collected, it can be analyzed, printed, or saved to disk. 2.8.9 Retrieving Saved Data From a File The CDB5463U software allows the user to save data to a file, and retrieve it later when needed. To load a previously saved file: 1. Pull down the Setup menu and select the Disk menu item. A file menu will appear. 2. Find the data file in the list and select it. Press the Select button to return. 3. Go to the Data Collection Window, and press the Collect button. 4. The data from the file should appear on the screen. To select a different file, repeat the procedure. 2.8.10 Analyzing Data The evaluation software provides three types of analysis tests: Time Domain, Frequency Domain, and Histogram. The time domain analysis processes acquired conversions to produce a plot of magnitude ver- sus conversion sample number. The frequency domain analysis processes acquired conversions to pro- duce a plot of magnitude versus frequency using the Fast-Fourier transform (results up to Fs/2 are calculated and plotted). Also statistical noise calculations are calculated and displayed. The histogram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |