Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C4014 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C4014
Description  Snap-On MMBX Plug to Snap-On MMBX Plug Cable Using RG316 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4014 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C4014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4014 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4014 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
0.11
0.16
0.27
0.38
0.58
dB/ft
0.36
0.52
0.89
1.25
1.9
dB/m
dB/m
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as 0.1dB per connector.
Mechanical Specifications
Cable Assembly
Diameter
0.185 in [4.7 mm]
.
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.098 in [2.49 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
MMBX Plug
MMBX Plug
Impedance
50 Ohms
50 Ohms
Connection Method
Snap-On
Snap-On
Mating Cycles
100
100
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Brass, Gold
Brass, Gold
Body Material and Plating
Brass, Gold
Brass, Gold
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
PE3C4014 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Snap-On MMBX Plug to Snap-On MMBX Plug Cable Using RG316 Coax PE3C4014
RF Cable Assemblies Technical Data Sheet
PE3C4014
Snap-On MMBX Plug to Snap-On MMBX
Plug Cable Using RG316 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com