Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB136 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # PB136
Description  Best combination of brightness, uniformity and luminance enabling precision light control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB136 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  PB136 Datasheet HTML 1Page - Lumileds Lighting Company PB136 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any
other damages, direct, indirect or consequential, resulting from the use of the provided
information and data. Although Lumileds Holding B.V. and/or its affiliates have attempted to
provide the most accurate information and data, the materials and services information and data
are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants or guarantees
the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer
and user agreement with the download or use of the provided materials, information and data.
PB136 LUXEON MZ Product Brief 20151015
LUXOEN MZ White product performance at test current, T
j=85°C.
VOLTAGE
NOMINAL
CCT [2]
MINIMUM
CRI
LUMINOUS FLUX [1] (lm)
TYPICAL LUMINOUS
EFFICACY (lm/W)
TEST CURRENT
(mA)
PART NUMBER
MINIMUM
TYPICAL
12V
3000K
70
805
840
100
700
LMZ7-SW30
4000K
70
870
940
112
700
LMZ7-SW40
5000K
70
870
950
113
700
LMZ7-SW50
5700K
70
900
980
117
700
LMZ7-SW57
6500K
70
900
980
117
700
LMZ7-SW65
2700K
80
710
760
90
700
LMZ8-SW27
3000K
80
730
781
93
700
LMZ8-SW30
3500K
80
730
800
95
700
LMZ8-SW35
4000K
80
840
880
105
700
LMZ8-SW40
5000K
80
840
890
106
700
LMZ8-SW50
2700K
90
560
600
71
700
LMZ9-SW27
3000K
90
600
640
76
700
LMZ9-SW30
5700K
90
700
770
92
700
LMZ9-SW57
6V
3000K
70
805
840
100
1400
LMZ7-RW30
4000K
70
870
940
112
1400
LMZ7-RW40
5000K
70
870
950
113
1400
LMZ7-RW50
5700K
70
900
980
117
1400
LMZ7-RW57
6500K
70
900
980
117
1400
LMZ7-RW65
2700K
80
710
760
90
1400
LMZ8-RW27
3000K
80
730
781
93
1400
LMZ8-RW30
3500K
80
730
800
95
1400
LMZ8-RW35
4000K
80
840
880
105
1400
LMZ8-RW40
5000K
80
840
890
106
1400
LMZ8-RW50
2700K
90
560
600
71
1400
LMZ9-RW27
3000K
90
600
640
76
1400
LMZ9-RW30
5700K
90
700
770
92
1400
LMZ9-RW57
3V
3000K
70
805
840
100
2800
LMZ7-QW30
4000K
70
870
940
112
2800
LMZ7-QW40
5000K
70
870
950
113
2800
LMZ7-QW50
5700K
70
900
980
117
2800
LMZ7-QW57
6500K
70
900
980
117
2800
LMZ7-QW65
2700K
80
710
760
90
2800
LMZ8-QW27
3000K
80
730
781
93
2800
LMZ8-QW30
3500K
80
730
800
95
2800
LMZ8-QW35
4000K
80
840
880
105
2800
LMZ8-QW40
5000K
80
840
890
106
2800
LMZ8-QW50
2700K
90
560
600
71
2800
LMZ9-QW27
3000K
90
600
640
76
2800
LMZ9-QW30
5700K
90
700
770
92
2800
LMZ9-QW57
Notes:
1. Lumileds maintains a tolerance of ±6.5% on flux measurements.
2. Correlated color temperature is based upon mounted die on highly reflective surface at T
j=25°C.
LUXEON MZ Royal Blue product performance at test current, T
j=85°C.
VOLTAGE
DOMINANT WAVELENGTH (nm)
RADIOMETRIC POWER (mW)
TEST CURRENT
(mA)
PART NUMBER
MINIMUM
MAXIMUM
MINIMUM
TYPICAL
12V
445
460
3500
3600
700
LMZ0-SR00
6V
445
460
3500
3600
1400
LMZ0-RR00
3V
445
460
3500
3600
2800
LMZ0-QR00
Notes :
1. Lumileds maintains a tolerance of ±6.5% on radiometric power measurements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com