Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L135-R625003500000 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # L135-R625003500000
Description  Color LEDs that deliver the perfect amount of color you need
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L135-R625003500000 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  L135-R625003500000 Datasheet HTML 1Page - Lumileds Lighting Company L135-R625003500000 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB146 LUXEON 3535L Color Line
Product Brief 20180320
LUXEON 3535L Color Line product performance at 100mA, T
j=25°C.
Color
domInant or
PEaK WaVElEnGtH [1] (nm)
lumInous FluX [2] (lm) or
radIomEtrIC PoWEr [3] (mW)
Part
numBEr
mInImum
maXImum
mInImum
tyPICal
Red
620
630
10.0
13.5
L135-R625003500000
Red-Orange
610
620
13.0
15.5
L135-O615003500000
PC Amber
–
–
24.0
35.0
L135-A589003500000
Lime
–
–
44.0
56.0
L135-L567003500000
Green
520
540
21.0
35.0
L135-G525003500000
Blue
469
480
8.2
11.0
L135-B475003500000
Royal Blue
440
455
130
155
L135-U450003500000
Notes:
1. Lumileds maintains a tolerance of ±1nm on dominant wavelength measurements. PC Amber and Lime are binned by chromaticity coordinates. Royal Blue is binned by peak wavelength.
All other colors are binned by dominant wavelength.
2. Lumileds maintains a tolerance of ±7.5% on luminous flux measurements.
3. Royal Blue is binned by radiometric power. All other colors are binned by luminous flux.
Mechanical Dimensions.
Notes:
1. Drawings are not scale.
2. All dimensions are in millimeters.
3. Tolerance of ±0.1mm for all measurements.
©2018 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds
Holding B.V. in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any other damages,
direct, indirect or consequential, resulting from the use of the provided information and data. Although Lumileds
Holding B.V. and/or its affiliates have attempted to provide the most accurate information and data, the materials
and services information and data are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants
or guarantees the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer and user agree-
ment with the download or use of the provided materials, information and data. A listing of Lumileds product/
patent coverage may be accessed at lumileds.com/patents.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com