Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1952 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1952
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952 Datasheet(HTML) 3 Page - Linear Technology

  LT1952 Datasheet HTML 1Page - Linear Technology LT1952 Datasheet HTML 2Page - Linear Technology LT1952 Datasheet HTML 3Page - Linear Technology LT1952 Datasheet HTML 4Page - Linear Technology LT1952 Datasheet HTML 5Page - Linear Technology LT1952 Datasheet HTML 6Page - Linear Technology LT1952 Datasheet HTML 7Page - Linear Technology LT1952 Datasheet HTML 8Page - Linear Technology LT1952 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT1952
3
1952f
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COMP = open, FB = 1.4V, ROSC = 178k, SYNC = 0V, SS_MAXDC = VREF,
VREF = 0.1µF, SD_VSEC = 2V, BLANK = 40k, DELAY = 40k, ISENSE = 0V, OC = 0V, OUT = 1nF, VIN = 15V, SOUT = open, unless otherwise
specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIER
FB Reference Voltage
10V < VIN < 25V, VOL + 0.2V < COMP < VOH – 0.2
●
1.201
1.226
1.250
V
FB Input Bias Current
FB = FB Reference Voltage
–75
–200
nA
Open Loop Voltage Gain
VOL + 0.2V < COMP < VOH – 0.2
65
85
dB
Unity Gain Bandwidth
(Note 6)
3
MHz
COMP Source Current
FB = 1V, COMP = 1.6V
–4
–9
mA
COMP Sink Current
COMP = 1.6V
4
10
mA
COMP Current (Disabled)
FB = VREF, COMP = 1.6V
18
23
28
µA
COMP High Level: VOH
FB = 1V, I(COMP) = –250µA
2.7
3.2
V
COMP Active Threshold
FB = 1V, SOUT Duty Cycle > 0 %
0.7
1.0
V
COMP Low Level: VOL
I(COMP) = 250µA
0.15
0.4
V
CURRENT SENSE
ISENSE Maximum Threshold
COMP = 2.5V, FB = 1V
197
220
243
mV
ISENSE Input Current (Duty Cycle = 0%)
COMP = 2.5V, FB = 1V (Note 4)
–8
µA
ISENSE Input Current (Duty Cycle = 80%)
COMP = 2.5V, FB = 1V (Note 4)
–35
µA
OC Threshold
●
98
107
116
mV
OC Input Current
(OC = 100mV)
–50
–100
nA
Default Blanking Time
COMP = 2.5V, FB = 1V (Note 10)
180
ns
Adjustable Blanking Time
COMP = 2.5V, FB = 1V, RBLANK = 120k
540
ns
VBLANK
1V
SOUT DRIVER
SOUT Clamp Voltage
I(GATE) = 0µA, COMP = 2.5V, FB = 1V
10.5
12
13.5
V
SOUT Low Level
I(GATE) = 25mA
0.5
0.75
V
SOUT High Level
I(GATE) = –25mA, VIN = 12V, COMP = 2.5V,
10
V
FB = 1V
SOUT Active Pull-Off in Shutdown
VIN = 5V, SD_VSEC = 0V, SOUT = 1V
1
mA
SOUT to OUT (Rise) DELAY (tDELAY)
COMP = 2.5V, FB = 1V (Note 10)
40
ns
RDELAY = 120k
120
ns
VDELAY
0.9
V
OUT DRIVER
OUT Rise Time
FB = 1V, CL = 1nF (Notes 3, 6)
50
ns
OUT Fall Time
FB = 1V, CL = 1nF (Notes 3, 6)
30
ns
OUT Clamp Voltage
I(GATE) = 0µA, COMP = 2.5V, FB = 1V
11.5
13
14.5
V
OUT Low Level
I(GATE) = 20mA
0.45
0.75
V
I(GATE) = 200mA
1.25
1.8
V
OUT High Level
I(GATE) = –20mA, VIN = 12V, COMP = 2.5V,
9.9
V
FB = 1V
I(GATE) = –200mA, VIN = 12V, COMP = 2.5V,
9.75
V
FB = 1V
OUT Active Pull-Off in Shutdown
VIN = 5V, SD_VSEC = 0V, OUT = 1V
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com