Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4212 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4212
Description  Hot Swap Controller with Power-Up Timeout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4212 Datasheet HTML 2Page - Linear Technology LTC4212 Datasheet HTML 3Page - Linear Technology LTC4212 Datasheet HTML 4Page - Linear Technology LTC4212 Datasheet HTML 5Page - Linear Technology LTC4212 Datasheet HTML 6Page - Linear Technology LTC4212 Datasheet HTML 7Page - Linear Technology LTC4212 Datasheet HTML 8Page - Linear Technology LTC4212 Datasheet HTML 9Page - Linear Technology LTC4212 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC4212
4212f
TYPICAL PERFOR A CE CHARACTERISTICS Specifications are T
A = 25°C. VCC = 5V, unless
otherwise noted.
Power Good Timeout vs
Temperature
PGI Low at Timeout to GATE
Discharging vs Supply Voltage
PGI Low at Timeout to GATE
Discharging vs Temperature
15.0
18.0
19.0
20.0
17.5
18.5
19.5
17.0
16.5
16.0
15.5
4212 G41
TEMPERATURE (
°C)
–25
25
50
–50
0
75
100
125
SUPPLY VOLTAGE (V)
0
1.8
1.5
1.2
0.9
0.6
0.3
16
4212 G44
4
8
12
18
14
26
10
TEMPERATURE (
°C)
0.2
2.0
–25
25
50
4212 G45
–50
0
75
100
125
0.4
0.8
1.2
1.4
1.8
0.6
1.0
1.6
PGF and PGT Pin Current
(Timer or Filter Off)
vs Supply Voltage
PGF and PGT Pin Current
(Timer or Filter Off)
vs Temperature
0
10
9
8
7
6
5
4
3
2
1
4212 G51
TEMPERATURE (
°C)
–25
25
50
–50
0
75
100
125
PGF
PGT
Valid Glitch to GATE Discharging
vs Temperature
Valid Glitch to GATE Discharging
vs Supply Voltage
FAULT VOL vs Supply Voltage
SUPPLY VOLTAGE (V)
1.30
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
4
8
12
16
4212 G52
18
2
0
6
10
14
0.5
2.5
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
4212 G53
TEMPERATURE (
°C)
–25
25
50
–50
0
75
100
125
SUPPLY VOLTAGE (V)
0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
16
4212 G54
4
8
12
18
14
26
10
IOL = 5mA
IOL = 1mA
FAULT VOL vs Temperature
TEMPERATURE (
°C)
4
5
6
4212 G50
3
2
0
1
8
7
–50
0
25
125
–25
50
75
100
TEMPERATURE (
°C)
0.20
0.25
0.30
4212 G55
0.15
0.10
0
0.05
0.40
0.35
–50
0
25
125
–25
50
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com