Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z35AV-10PC1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z35AV-10PC1
Description  256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35AV-10PC1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z35AV-10PC1 Datasheet HTML 3Page - STMicroelectronics M48Z35AV-10PC1 Datasheet HTML 4Page - STMicroelectronics M48Z35AV-10PC1 Datasheet HTML 5Page - STMicroelectronics M48Z35AV-10PC1 Datasheet HTML 6Page - STMicroelectronics M48Z35AV-10PC1 Datasheet HTML 7Page - STMicroelectronics M48Z35AV-10PC1 Datasheet HTML 8Page - STMicroelectronics M48Z35AV-10PC1 Datasheet HTML 9Page - STMicroelectronics M48Z35AV-10PC1 Datasheet HTML 10Page - STMicroelectronics M48Z35AV-10PC1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
M48Z35, M48Z35Y
Table 5. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
2. Outputs deselected.
3. Negative spikes of –1V allowed for up to 10ns once per cycle.
OPERATING MODES
The M48Z35/Y also has its own Power-fail Detect
circuit. The control circuitry constantly monitors
the single 5V supply for an out of tolerance condi-
tion. When VCC is out of tolerance, the circuit write
protects the SRAM, providing a high degree of
data security in the midst of unpredictable system
operation brought on by low VCC.As VCC falls be-
low approximately 3V, the control circuitry con-
nects the battery which maintains data until valid
power returns.
Table 6. Operating Modes
Note: X = VIH or VIL;VSO = Battery Back-up Switchover Voltage.
1. See Table 10, page 13 for details.
Symbol
Parameter
Test Condition(1)
Min
Max
Unit
ILI
(2)
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(2)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±5
µA
ICC
Supply Current
Outputs open
50
mA
ICC1
Supply Current (Standby) TTL
E =VIH
3mA
ICC2
Supply Current (Standby) CMOS
E =VCC – 0.2V
3mA
VIL
(3)
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
V
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.75 to 5.5V
or
4.5 to 5.5V
VIH
X
X
High Z
Standby
WRITE
VIL
X
VIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(1)
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery Back-up Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com