Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC279B1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC279B1R
Description  QUAD S - R LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC279B1R Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC279B1R Datasheet HTML 1Page - STMicroelectronics M74HC279B1R Datasheet HTML 2Page - STMicroelectronics M74HC279B1R Datasheet HTML 3Page - STMicroelectronics M74HC279B1R Datasheet HTML 4Page - STMicroelectronics M74HC279B1R Datasheet HTML 5Page - STMicroelectronics M74HC279B1R Datasheet HTML 6Page - STMicroelectronics M74HC279B1R Datasheet HTML 7Page - STMicroelectronics M74HC279B1R Datasheet HTML 8Page - STMicroelectronics M74HC279B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
August 2001
s
HIGH SPEED:
tPD = 13ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 279
DESCRIPTION
The M74HC279 is an high speed CMOS QUAD
S - R LATCH fabricated with silicon gate C2MOS
technology.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC279
QUAD S - R LATCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC279B1R
SOP
M74HC279M1R
M74HC279RM13TR
TSSOP
M74HC279TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC279B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC279B1R STMICROELECTRONICS-M74HC279B1R Datasheet
239Kb / 10P
QUAD S - R LATCH
Mar-1993
More results

Similar Description - M74HC279B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC279 STMICROELECTRONICS-M54HC279 Datasheet
239Kb / 10P
QUAD S - R LATCH
Mar-1993
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
11-Dec-1997
logo
System Logic Semiconduc...
SL4043B SLS-SL4043B Datasheet
44Kb / 6P
Quad 3-State R/S Latch
logo
Fairchild Semiconductor
DM74LS279 FAIRCHILD-DM74LS279 Datasheet
47Kb / 4P
Quad S-R Latch
logo
Toshiba Semiconductor
TC74HC279AP TOSHIBA-TC74HC279AP_07 Datasheet
279Kb / 8P
Quad S-R Latch
TC4044BP TOSHIBA-TC4044BP_07 Datasheet
290Kb / 9P
Quad 3-State R/S Latch
logo
NXP Semiconductors
HEF4043B NXP-HEF4043B Datasheet
81Kb / 13P
Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4044B NXP-HEF4044B Datasheet
81Kb / 13P
Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4043B PHILIPS-HEF4043B_15 Datasheet
158Kb / 14P
Quad R/S latch with 3-state outputs
Rev. 10-18 November 2011
logo
Nexperia B.V. All right...
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100 Datasheet
685Kb / 14P
Quad R/S latch with 3-state outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com