Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWAD5000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWAD5000
Description  WR-10 Waveguide Bulkhead Adapter UG-387/U-Mod Round Cover Flange, 75 GHz to 110 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAD5000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWAD5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAD5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAD5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
WR-10 Waveguide Bulkhead Adapter UG-387/U-Mod Round Cover Flange, 75 GHz to 110 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-10 Waveguide Bulkhead Adapter UG-387/U-Mod Round Cover Flange, 75 GHz to 110 GHz
PEWAD5000
URL:
https://www.pasternack.com/wr-10-waveguide-bulkhead-adapter-ug387-mod-round-110-ghz-pewad5000-p.aspx
PEWAD5000 REV 1.0
PEWAD5000
WR-10 Waveguide Bulkhead Adapter UG-387/U-
Mod Round Cover Flange, 75 GHz to 110 GHz
Waveguide Bulkhead Adapters Technical Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com