Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG58-P Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG58-P
Description  53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG58-P Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG58-P Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG58-P Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG58-P Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Mechanical Specifications
Diameter
0.159 in [4.04 mm]
Weight
0.027 lbs/ft [0.04 Kg/m]
.
Min. Bend Radius (Repeated)
2 in [50.8 mm]
Construction Specifications
Description
Material and Plating
Diameter
Inner Conductor
Copper, 1 Strands
0.032 in [0.81 mm]
.
Conductor Type
Solid
.
Dielectric
FEP
0.107 in [2.72 mm]
.
First Shield
Tinned Copper Braid
95% coverage
.
Jacket
FEP, Black
0.159 in [4.04 mm]
.
Environmental Specifications
Temperature
Operating Range
-70 to +200 deg C
Plenum Rating
8240
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
RG58-P
URL: https://www.pasternack.com/flexible-0.163-rg58-plenum-50-ohm-coax-cable-fep-jacket-rg58-p-p.aspx
RG58-P REV 1.2
RF Cables Technical Data Sheet
RG58-P
53 Ohm Flexible RG58-P Plenum Rated Coax
Cable Single Shielded with Black FEP Jacket



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com