Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCYH9PP Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCYH9PP
Description  OSLON Black Flat
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCYH9PP Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCYH9PP Datasheet HTML 3Page - OSRAM GmbH LCYH9PP Datasheet HTML 4Page - OSRAM GmbH LCYH9PP Datasheet HTML 5Page - OSRAM GmbH LCYH9PP Datasheet HTML 6Page - OSRAM GmbH LCYH9PP Datasheet HTML 7Page - OSRAM GmbH LCYH9PP Datasheet HTML 8Page - OSRAM GmbH LCYH9PP Datasheet HTML 9Page - OSRAM GmbH LCYH9PP Datasheet HTML 10Page - OSRAM GmbH LCYH9PP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Version 1.7
LCY H9PP
2015-08-12
7
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: 5K-5F-8E
Beispiel: 5K-5F-8E
Brightness
Helligkeit
Chromaticity Coordinate
Farbort
Forward Voltage
Durchlassspannung
5K
5F
8E
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com