Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTOS-150P Datasheet(PDF) 1 Page - Mini-Circuits

Part # JTOS-150P
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JTOS-150P Datasheet(HTML) 1 Page - Mini-Circuits

  JTOS-150P Datasheet HTML 1Page - Mini-Circuits JTOS-150P Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
POWER
OUTPUT
(dBm)
TUNING
VOLTAGE
(V)
PHASE NOISE
(dBc/Hz)
SSB at offset frequencies:
Typ.
PULLING
pk-pk
@ 12 dBr
(MHz)
PUSHING
(MHz/V)
TUNING
SENSITIVITY
(MHz/V)
HARMONICS
(dBc)
3 dB
MODULATION
BANDWIDTH
(MHz)
POWER
SUPPLY
Voltage
(V)
Current
(mA)
Max.
Min.
Max.
Typ.
Min. Max.
1
kHz
10
kHz
100
kHz
1
MHz
Typ.
Typ.
Typ.
Typ.
Max.
Typ.
72
91
+9.5
0.5
5.0
-82
-106
-127
-147
0.8
0.3
6-9
-30
-17
0.112
12
20
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Surface Mount
JTOS-150P+
JTOS-150P
Maximum Ratings
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 100°C
Absolute Max. Supply Voltage (Vcc)
+16V
Absolute Max. Tuning Voltage (Vtune)
+7V
RF OUT
13
VCC
2
V-TUNE
5
GROUND
1,3,4,6,7,8,9,10,11,12,14
Pin Connections
Electrical Specifications
REV. C
M149186
JTOS-150P
FL/TD/CP/AM
141204
Outline Dimensions (
)
inch
mm
Outline Drawing
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Demo Board MCL P/N: TB-04
Suggested PCB Layout (PL-005)
Voltage Controlled Oscillator
5V Tuning for PLL IC’s
72 to 91 MHz
Features
• low phase noise
• 5V tuning voltage range
• linear tuning characteristics
• aqueous washable
Applications
• PLL circuitry
• measurement instrumentation
• frequency synthesizers
CASE STYLE: BK377
PRICE: $14.95 ea. QTY (20)
A
B
C
D
E
FG
H
J
K
L
wt
.505
.800
--
.100
.250
.100
.100
.047
.065
.065
.525 grams
12.83
20.32
--
2.54
6.35
2.54
2.54
1.19
1.65
1.65
13.34
3.0
all specifications: 50 ohm system
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - JTOS-150P

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JTOS-150 MINI-JTOS-150 Datasheet
298Kb / 2P
Voltage Controlled Oscillator
JTOS-150+ MINI-JTOS-150+ Datasheet
298Kb / 2P
Voltage Controlled Oscillator
More results

Similar Description - JTOS-150P

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com