Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3L100L Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3L100L
Description  3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L100L Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3L100L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L100L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L100L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L100L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L100L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L100L Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PI3L100
3.3V, Wide Bandwidth Quad 2:1, Mux/Demux LanSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8504
11/13/00
LAN Switch
The PI3L100 was designed to switch between various
standards such as 10Base-T, 100Base-T, 100VG-
AnyLAN, and Token Ring. Also general purpose appli-
cations such as loopback, line termination, and line
clamps that might normally use mechanical relays are
also ideal uses for this LAN Switch (see Figure 1).
Generally speaking, this LAN Switch can be used
for data rates to 200 Mbps and data signal levels from 0V
to 3.6V.
LAN Standards
Data Rate per twisted pair (UTP)
10Base-T
10 Mbps
100Base-T
100 Mbps
100VG-AnyLAN
25 Mbps
Applications
VCC Bias Voltage vs. RON
To keep RON to a minimum, it is recommended that the
VCC voltage be increased to a voltage between 3.3V and
3.6V. Ideally an input voltage between 0.2V and 3.6V will
keep RON flat.
Signal Distortion
Distortion of the input signal is equated to 20LOG
∆RON/RL. So keeping RON flat as the data signal level
varies is critical to low distortion. It should also be noted
that increasing the data rate increases harmonic distor-
tion which also effects the signal amplitude.
Figure 1. Switching Time
Test Circuits
3V
EN
SD
GND
PI3L100
75
Ω
3.3V
Vcc
35 pF
VOUT
IN
DIGITAL
INPUT
ANALOG
OUTPUT
tON
tOFF
50%
90%
50%
90%
t
r
a
Pe
g
a
k
c
a
P
n
i
Pe
r
u
t
a
r
e
p
m
e
T
Q
0
0
1
L
3
I
P)
Q
(
P
O
S
Q
6
1C
°
5
8
+
o
t
C
°
0
4
–
L
0
0
1
L
3
I
P)
L
(
P
O
S
S
T
6
1C
°
5
8
+
o
t
C
°
0
4
–
Ordering Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com