Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE2PB1001 Datasheet(PDF) 7 Page - Pasternack Enterprises, Inc.

Part # PE2PB1001
Description  RF Coaxial GSG Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2PB1001 Datasheet(HTML) 7 Page - Pasternack Enterprises, Inc.

  PE2PB1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2PB1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2PB1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2PB1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2PB1001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2PB1001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE2PB1001 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE2PB1001 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
7
RF Coaxial GSG Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain
a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RF Coaxial GSG Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1001
URL:
https://www.pasternack.com/rf-coaxial-gsg-probe-1500-micron-pitch-20ghz-cable-mount-3.5mm-pe2pb1001-p.
aspx
RF Coaxial GSG Probe, 1,500 Micron Pitch, Up
to 20 GHz, Cable Mount, 3.5mm Interface
RF Microwave Probes Technical Data Sheet
PE2PB1001
PE2PB1001 REV 1.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com