Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHCS362F Datasheet(PDF) 50 Page - Microchip Technology

Part # RFHCS362F
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 50 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 46Page - Microchip Technology RFHCS362F Datasheet HTML 47Page - Microchip Technology RFHCS362F Datasheet HTML 48Page - Microchip Technology RFHCS362F Datasheet HTML 49Page - Microchip Technology RFHCS362F Datasheet HTML 50Page - Microchip Technology RFHCS362F Datasheet HTML 51Page - Microchip Technology RFHCS362F Datasheet HTML 52Page - Microchip Technology RFHCS362F Datasheet HTML 53Page - Microchip Technology RFHCS362F Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
rfHCS362G/362F
DS41189A-page 50
Preliminary
© 2002 Microchip Technology Inc.
TABLE 10-6:
TRANSMITTER DC CHARACTERISTICS*
*
These parameters are characterized but not tested.
Data in “Typ” column is at 3V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1:
Depends on output power selection. See Table 6-6.
Note 2:
Applies to RFEN pin.
TABLE 10-7:
TRANSMITTER AC CHARACTERISTICS*
bit *
These parameters are characterized but not tested.
Data in “Typ” column is at 3V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1:
Values dependent on PLL loop filter values.
Note 2:
ton equals crystal oscillator and PLL start-up time.
Note 3:
Max FSK data rate requires crystal with appropriate motional parameters. See Section 6.3.
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
≤ TA ≤ +85°C
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
VDDRF
Supply Voltage
2.2
—5.5
V
IPDRF
Power-Down Current
0.05
0.1
µARFEN = 0
IDDRF
Supply Current
4.8
11.5
mA
Note 1
VILRF
Input Low Voltage
-0.3
0.3 VSSRF
V
Note 2
VIHRF
Input High Voltage
0.7 VSSRF
—VSSRF + 0.3
V
Note 2
IILRF
Input Leakage Current
-1
1
µA
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
≤ TA ≤ +85°C
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
fxtal
Crystal Frequency
9.69
—15
MHz
ftransmit
Transmit Frequency
310
440
MHz
Fixed, set by fxtal
fCLKOUT
CLKOUT Frequency
2.42
3.75
MHz
Fixed, set by fxtal
Po
Transmit Output Power
-12
+2
dBm
See Table 6-6
fASK
ASK Data Rate
40
kbps
fFSK
FSK Data Rate
20
kbps
Note 3
PREF
Reference Spurs (1)
—-44
dBm
ftransmit ± fxtal
PCLK
Clock Spurs (1)
—-44
dBm
ftransmit ± fCLKOUT
PHARM
Harmonic Content
-40
dBm
2ftransmit, 3ftransmit,
4ftransmit,...
POFF
Spurious Output Signal
-60
dBm
Vps
≤ 0.1V
PN
Phase Noise
-87
dBc/Hz
ftransmit ± 500 kHz
KVCO
VCO Gain
100
MHz/V
ICP
Charge Pump Current
±260
µA
VCLKOUT
Clock Voltage Swing
2
VPP
Cload = 5 pF
ton
Start-up Time
0.9
ms
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com