Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHCS362AF Datasheet(PDF) 41 Page - Microchip Technology

Part # RFHCS362AF
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362AF Datasheet(HTML) 41 Page - Microchip Technology

Back Button RFHCS362AF Datasheet HTML 37Page - Microchip Technology RFHCS362AF Datasheet HTML 38Page - Microchip Technology RFHCS362AF Datasheet HTML 39Page - Microchip Technology RFHCS362AF Datasheet HTML 40Page - Microchip Technology RFHCS362AF Datasheet HTML 41Page - Microchip Technology RFHCS362AF Datasheet HTML 42Page - Microchip Technology RFHCS362AF Datasheet HTML 43Page - Microchip Technology RFHCS362AF Datasheet HTML 44Page - Microchip Technology RFHCS362AF Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41189A-page 41
rfHCS362G/362F
8.0
DEVELOPMENT SUPPORT
The KEELOQ® family of devices are supported with a
full range of hardware and software development tools:
• Integrated Development Environment
- MPLAB® IDE Software
-KEELOQ Toolkit Software
• Device Programmers
-PRO MATE® II Universal Device Program-
mer
• Low Cost Demonstration Boards
-KEELOQ Evaluation Kit II
-KEELOQ Transponder Evaluation Kit
8.1
MPLAB Integrated Development
Environment Software
The
same
MPLAB
IDE
software
available
at
www.microchip.com that is used for microcontroller
software development also supports the KEELOQ family
of devices. With this Windows®-based application you
can configure the device options in a graphical environ-
ment. The manufacturer’s code is protected by two
custodian keys so that the secret is split and neither
employee can reveal the code alone. Once both custo-
dian keys have been entered and the options selected,
MPLAB IDE software is ready to produce parts in one
of two ways.
• The PRO MATE II Programmer, which is sold sep-
arately, can program individual parts. MPLAB IDE
software can automatically increment the serial
number and recalculate the unique encryption
key, discrimination value and seed for each part.
• Creating an SQTPsm file that contains all the indi-
vidual device configurations to submit to Micro-
chip for a production run without revealing your
manufacturer’s code. Please contact Microchip
sales office etc., minimum order quantities apply.
8.2
KEELOQ® Toolkit Software
The KEELOQ® Secure Solution CD-ROM is available
free and can be ordered with part number DS40038.
After accepting the KEELOQ license agreement, it will
let you install application notes with complete decoder
algorithms as well as the KEELOQ toolkit. The toolkit is
a handy application that generates encryption keys
from the manufacturer’s code and serial number or
seed. It can also decrypt KEELOQ transmitter’s hopping
code to help debug and test your decoder software.
8.3
PRO MATE II Universal Device
Programmer
The PRO MATE II universal device programmer is a
full-featured programmer, capable of operating in
stand-alone mode, as well as PC-hosted mode. The
PRO MATE II device programmer is CE compliant.
The PRO MATE II device programmer has programma-
ble VDD and VPP supplies, which allow it to verify pro-
grammed memory at VDD min and VDD max for
maximum reliability. It has an LCD display for instruc-
tions and error messages, keys to enter commands
and a modular detachable socket assembly to support
various package types.
Microchip has various socket adapter modules avail-
able for PDIP, SOIC and SSOP devices. An In-Circuit
Serial Programming™ (ICSP™) module is also avail-
able for programming devices after circuit assembly.
8.4
KEELOQ Evaluation Kit II
The KEELOQ Evaluation Kit II contains all the necessary
hardware to evaluate a code hopping system, including
two transmitters and a multi-function receiver board
that supports all HCS5XX stand-alone decoders. Addi-
tionally, it allows the users to develop their own soft-
ware to receive, decode and interpret the KEELOQ
transmission. The included PC software can configure
and
program
the
KEELOQ
parts
for
evaluation
(DM303006).
8.5
KEELOQ Transponder Evaluation
Kit
The KEELOQ Transponder Evaluation Kit consists of a
base station, a transmitter/transponder, a battery-less
transponder and various HCS4XX samples. It also
includes the PC software to configure and program the
KEELOQ parts for evaluation (DM303005).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com