Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP505C Datasheet(PDF) 4 Page - TT Electronics.

Part # OP505C
Description  NPN Silicon Phototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP505C Datasheet(HTML) 4 Page - TT Electronics.

  OP505C Datasheet HTML 1Page - TT Electronics. OP505C Datasheet HTML 2Page - TT Electronics. OP505C Datasheet HTML 3Page - TT Electronics. OP505C Datasheet HTML 4Page - TT Electronics. OP505C Datasheet HTML 5Page - TT Electronics. OP505C Datasheet HTML 6Page - TT Electronics. OP505C Datasheet HTML 7Page - TT Electronics. OP505C Datasheet HTML 8Page - TT Electronics. OP505C Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OP505, OP505W, OP506, OP506W
OP535, OP705
Issue B
08/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics ( TA = 25° C unless otherwise noted )
OP535
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IC(ON)
On-State Collector Current
OP535A
OP535B
10.5
3.5
-
-
-
32.0
mA
VCE = 5 V, EE = 0.13 mW/cm
2, Note 3
VCE(SAT)
Collector-Emitter Saturation Voltage
-
-
1.10
V
IC = 400 μA, EE = 0.13 mW/cm
2 , Note 3
ICEO
Collector-Dark Current
-
-
100
nA
VCE = 10 V, EE = 0
V(BR)CEO
Collector-Emitter Breakdown Voltage
15.0
-
-
V
IC = 1.0 mA, EE = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
5.0
-
-
V
IE = 100 μA, EE = 0
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com