Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP830SL Datasheet(PDF) 3 Page - TT Electronics.

Part # OP830SL
Description  NPN Phototransistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP830SL Datasheet(HTML) 3 Page - TT Electronics.

  OP830SL Datasheet HTML 1Page - TT Electronics. OP830SL Datasheet HTML 2Page - TT Electronics. OP830SL Datasheet HTML 3Page - TT Electronics. OP830SL Datasheet HTML 4Page - TT Electronics. OP830SL Datasheet HTML 5Page - TT Electronics. OP830SL Datasheet HTML 6Page - TT Electronics. OP830SL Datasheet HTML 7Page - TT Electronics. OP830SL Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
NPN Phototransistor
OP800SL Series, OP800WSL Series
OP830SL Series, OP830WSL Series
Issue A
08/2016
Page 3
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-65
o C to +150o C
Opera ng Temperature Range
-65
o C to +125o C
Collector-Base Voltage (applies to OP800SL only - does not apply to OP800WSL)
30 V
Collector-Emi er Voltage
OP800 (SL, WSL)
OP830 (SL, WSL)
30 V
15 V
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
(1)
Power Dissipa on
250 mW
(2)
Con nuous Collector Current
50 mA
Emi er-Base Voltage (applies to OP800 (SL, WSL) only)
5 V
Emi er-Collector Voltage (applies to all OP800 and OP830 devices)
5 V
Electrical Specifications
Notes:
1. RMA flux is recommended. Dura on can be extended to 10 seconds maximum when flow soldering. A maximum 20 grams force may be applied
to the leads when soldering.
2. Derate linearly 2.5 mW/° C above 25° C.
3. Junc on temperature maintained at 25° C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com