Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSV50/6 Datasheet(PDF) 2 Page - Lumberg

Part # WSV50/6
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

WSV50/6 Datasheet(HTML) 2 Page - Lumberg

  WSV50/6 Datasheet HTML 1Page - Lumberg WSV50/6 Datasheet HTML 2Page - Lumberg WSV50/6 Datasheet HTML 3Page - Lumberg WSV50/6 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
03 WSV
01/2018
2
WSV 60
WSV 70
WSV 71
WSV 80
WSV 30
WSV 40
WSV 50
WSV 50/6
WSV 81
WSV 120
*a
12 pole version Ø 1.0 mm
*b
cup-shaped solder terminal
Environmental conditions
Temperature range
-40 °C/+85 °C
Materials
Insulating body
PA GF, V-0 according to UL94
Contact pin
CuZn, silver-plated and flash gold-
plated (3-8 poles)
CuZn, pre-nickel and gold-
plated (12 poles)
Ground contact spring
CuZn, pre-nickel and tin-plated
Sleeve
steel, zinc-plated
Strain relief
steel, nickel-plated
Housing
PC, HB according to UL94
Knurled screw
CuZn, nickel-plated
Bend protection sleeve
TPE
Screw
special steel/steel, chromatiert
Mechanical data
Protection class
IP40 1
1
according to IEC DIN EN 60529, only in locked condition with an appropriate counterpart
Connectable conductors for solder area
Section
≤ 0.75 mm² (AWG 20)
(3-8 poles)
≤ 0.25 mm² (AWG 24)
(12 poles)
Cable diameter
4–6 mm
Electrical data (at Tamb 20 °C)
Rated current
5 A (Tamb 40 °C, 3-8 poles)
3 A (Tamb 40 °C, 12 poles)
Rated voltage
with pollution degree 1:
300 V (versions 30, 40, 50/6, 60, 70)
100 V (versions 50, 71, 80, 81)
160 V (Polbild 120)
with pollution degree 2:
250 V (versions 30, 40)
32 V (versions 50, 71, 80, 81)
160 V (versions 50/6, 60, 70, 120)
Rated impulse voltage
1500 V (versions 30, 40, 50/6, 60,
70, 120)
500 V (versions 50, 71, 80, 81)
Material group
II (IEC)/0 (UL) (CTI ≥ 550)
Overvoltage category
I
Insulation resistance
> 100 MΩ
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com