Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG405-U-STRAIGHT Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG405-U-STRAIGHT
Description  086 Semi-rigid Coax Cable with Copper Outer Conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG405-U-STRAIGHT Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG405-U-STRAIGHT Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG405-U-STRAIGHT Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG405-U-STRAIGHT Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
086 Semi-rigid Coax Cable with Copper Outer Conductor
Configuration
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Shield Materials
Copper
Jacket Material and Color
Tan
Electrical Specifications
Impedance, Ohms
50
Maximum Operating Frequency, GHz
40
Dielectric Withstanding Voltage, Vrms
5,000
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
22 [72.18]
Power Handling, Watts
130
Frequency 2
Frequency, GHz
10
Attenuation, dB/100ft [dB/100m]
80 [262.47]
Power Handling, Watts
35
Frequency 3
Frequency, GHz
20
Attenuation, dB/100ft [dB/100m]
120 [393.7]
Power Handling, Watts
20
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Inner Conductor
Number of Strands
1
Material
Copper Clad Steel
Plating
Silver
Diameter, in [mm]
0.02 [0.51]
Dielectric:
Type
PTFE
Diameter, in [mm]
0.066 [1.68]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 086 Semi-rigid Coax Cable with Copper Outer Conductor RG405/U-STRAIGHT
RG405/U-STRAIGHT
RG405/U-STRAIGHT REV
086 Semi-rigid Coax Cable with Copper Outer Conductor


Similar Part No. - RG405-U-STRAIGHT

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG405-U PASTERNACK-RG405-U Datasheet
272Kb / 3P
086 Semi-rigid Coax Cable with Copper Outer Conductor
More results

Similar Description - RG405-U-STRAIGHT

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-SR401FL PASTERNACK-PE-SR401FL Datasheet
1Mb / 3P
Formable 250 Semi-rigid Coaxk Cable with Tinned Copper Braid Outer Conductor
PE-SR402FL PASTERNACK-PE-SR402FL Datasheet
438Kb / 3P
Formable 141 Semi-rigid Coax Cable with Tinned Copper Braid Outer Conductor
PE-SR405FL PASTERNACK-PE-SR405FL Datasheet
247Kb / 3P
Formable 086 Semi-rigid Coax Cable with Tinned Copper Braid Outer Conductor
PE-SR047AL PASTERNACK-PE-SR047AL Datasheet
259Kb / 3P
047 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor
PE-SR401AL PASTERNACK-PE-SR401AL Datasheet
1Mb / 3P
250 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor
PE-118SR PASTERNACK-PE-118SR Datasheet
1Mb / 3P
118 Semi-rigid Coax Cable with Copper Outer Conductor
PE-SR047AL-STRAIGHT PASTERNACK-PE-SR047AL-STRAIGHT Datasheet
4Mb / 3P
047 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor
PE-SR402AL-STRAIGHT PASTERNACK-PE-SR402AL-STRAIGHT Datasheet
3Mb / 3P
141 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor
PE-SR405AL-STRAIGHT PASTERNACK-PE-SR405AL-STRAIGHT Datasheet
1Mb / 3P
086 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor
RG405-U PASTERNACK-RG405-U Datasheet
272Kb / 3P
086 Semi-rigid Coax Cable with Copper Outer Conductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com