Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS175 Datasheet(PDF) 12 Page - Lumileds Lighting Company

Part # DS175
Description  Automotive forward lighting source
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS175 Datasheet(HTML) 12 Page - Lumileds Lighting Company

Back Button DS175 Datasheet HTML 8Page - Lumileds Lighting Company DS175 Datasheet HTML 9Page - Lumileds Lighting Company DS175 Datasheet HTML 10Page - Lumileds Lighting Company DS175 Datasheet HTML 11Page - Lumileds Lighting Company DS175 Datasheet HTML 12Page - Lumileds Lighting Company DS175 Datasheet HTML 13Page - Lumileds Lighting Company DS175 Datasheet HTML 14Page - Lumileds Lighting Company DS175 Datasheet HTML 15Page - Lumileds Lighting Company DS175 Datasheet HTML 16Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
DS175 LUXEON Altilon SMD Product Datasheet 20171211 ©2017 Lumileds Holding B.V. All rights reserved.
11
Product Bin and Labeling Definitions
Designing with LUXEON Altilon SMD
Flux bins supportable for car programs depend on product color and program start- and end-of-production date. Flux roadmaps
by year and product color are maintained and available from the sales representative. Please contact a local sales representative
to request the flux bin range with best supportability for program timing.
Decoding Product Bin Labeling
In the manufacturing of semiconductor products, there are variations in performance around the average values given in the
technical datasheets. For this reason, Lumileds bins the LED components for luminous flux or radiometric power, forward voltage,
color point, peak wavelength, or dominant wavelength.
The CAT code identifies the flux and color bin of each part. The CAT code can be found in two distinct places, the package label
and the TnR label. LUXEON Altilon SMD LEDs are labeled using a 4-digit alphanumeric CAT code following the format below:
A B C D
Where:
A
–
designates minimum luminous flux per die (F=280, G=290, K=320, etc.)
B
–
designates number of die (2, 3, 4 or 5)
C D –
designates color bin (example: 1D, 2C, 3B, 4A, etc.)
Therefore, a LUXEON Altilon SMD 1x5 with a minimum luminous flux of 280 and a color bin of 3B has the following CAT code:
F 5 3 B
Luminous Flux Bins
Table 5 lists the standard luminous flux bins for LUXEON Altilon SMD emitters. Product availability in a particular bin varies by
color and platform start of production date. Contact your local sales representative for best supportability of programs.
Table 5a. Luminous flux bin definitions for LUXEON Altilon SMD at 1000mA, 20ms MP, T
c=85°C .
BIn
lUMInOUs FlUX [1] (lm) PEr dIE
MInIMUM
MAXIMUM
F
280
290
G
290
300
H
300
310
J
310
320
K
320
330
L
330
340
M
340
350
N
350
360
Notes for Table 5:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.
2. Product availability in a particular bin varies by color and platform start of production date.
3. Contact local sales representative for best supportability of programs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com