Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS178 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # DS178
Description  Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS178 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  DS178 Datasheet HTML 1Page - Lumileds Lighting Company DS178 Datasheet HTML 2Page - Lumileds Lighting Company DS178 Datasheet HTML 3Page - Lumileds Lighting Company DS178 Datasheet HTML 4Page - Lumileds Lighting Company DS178 Datasheet HTML 5Page - Lumileds Lighting Company DS178 Datasheet HTML 6Page - Lumileds Lighting Company DS178 Datasheet HTML 7Page - Lumileds Lighting Company DS178 Datasheet HTML 8Page - Lumileds Lighting Company DS178 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DS178 LUXEON UV U Line Product Datasheet 20170711 ©2017 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON UV U Line LEDs are tested and binned with a DC drive current of 500mA for LUXEON UV U1 and 1000mA for LUXEON
UV U2 at a junction temperature, T
j, of 25ºC.
Part Number Nomenclature
Part numbers for LUXEON UV U1 follow the convention below:
L H U V –
B B B B – A C C C
Where:
B B B B –
designates peak wavelength (0385=385nm ±5nm, 0395=395nm ±5nm,
0405=405nm ±5nm, 0415=415nm ±5nm)
C C C
–
designates minimum radiometric power bin (025=250mW, 030=300mW, 035=350mW,
040=400mW, 045=450mW, 050=500mW, 055=550mW, 060=600mW, 065=650mW,
070=700mW, 075=750mW, 080=800mW)
Therefore, the following part number is used for a LUXEON UV U1 with a peak wavelength of 395nm and a minimum radiometric
power bin of 400mW:
L H U V –
0 3 9 5 – A 0 4 0
Part numbers for LUXEON UV U2 follow the convention below:
L 1 F 3 – U
A A A B 0 0 0 C C C C 0
Where:
A A A
–
designates peak wavelength 380=380nm, 390=390nm, 400=400nm and 410=410nm)
B
–
designates product name and die size (2=LUXEON UV U2 with 2mm2 die size)
C C C C –
designates minimum radiometric power bin (0400=400mW, 0600=600mW, 0800=800mW,
1000=1000mW, 1200=1200mW, 1400=1400mW)
Therefore, the following part number is used for a LUXEON UV U2 with a peak wavelength of 390nm and a minimum radiometric
power bin of 1000mW:
L 1 F 3 – U
3 9 0 2 0 0 0 1 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com