Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12CE673-04I/P Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC12CE673-04I/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04I/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC12CE673-04I/P Datasheet HTML 5Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 6Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 7Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 8Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 9Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 10Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 11Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 12Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 129 page
background image
© 1999 Microchip Technology Inc.
DS30561B-page 9
PIC12C67X
TABLE 3-1:
PIC12C67X PINOUT DESCRIPTION
Name
DIP Pin #
I/O/P
Type
Buffer
Type
Description
GP0/AN0
7
I/O
TTL/ST Bi-directional I/O port/serial programming data/analog input 0.
Can be software programmed for internal weak pull-up and
interrupt-on-pin change. This buffer is a Schmitt Trigger input
when used in serial programming mode.
GP1/AN1/VREF
6
I/O
TTL/ST Bi-directional I/O port/serial programming clock/analog input 1/
voltage reference. Can be software programmed for internal
weak pull-up and interrupt-on-pin change. This buffer is a
Schmitt Trigger input when used in serial programming mode.
GP2/T0CKI/AN2/INT
5
I/O
ST
Bi-directional I/O port/analog input 2. Can be configured as
T0CKI or external interrupt.
GP3/MCLR/VPP
4
I
TTL/ST Input port/master clear (reset) input/programming voltage
input. When configured as MCLR, this pin is an active low
reset to the device. Voltage on MCLR/VPP must not exceed
VDD during normal device operation. Can be software pro-
grammed for internal weak pull-up and interrupt-on-pin
change. Weak pull-up always on if configured as MCLR . This
buffer is Schmitt Trigger when in MCLR mode.
GP4/OSC2/AN3/CLKOUT
3
I/O
TTL
Bi-directional I/O port/oscillator crystal output/analog input 3.
Connections to crystal or resonator in crystal oscillator mode
(HS, XT and LP modes only, GPIO in other modes). In EXTRC
and INTRC modes, the pin output can be configured to CLK-
OUT, which has 1/4 the frequency of OSC1 and denotes the
instruction cycle rate.
GP5/OSC1/CLKIN
2
I/O
TTL/ST Bi-directional IO port/oscillator crystal input/external clock
source input (GPIO in INTRC mode only, OSC1 in all other
oscillator modes). Schmitt trigger input for EXTRC oscillator
mode.
VDD
1P
—
Positive supply for logic and I/O pins.
VSS
8
P
—
Ground reference for logic and I/O pins.
Legend: I = input, O = output, I/O = input/output, P = power, — = not used, TTL = TTL input,
ST = Schmitt Trigger input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com