Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESK106M063AC3FA Datasheet(PDF) 1 Page - Kemet Corporation

Part # ESK106M063AC3FA
Description  ESK, Aluminum Electrolytic, 85C, 10 uF, 20%, 63 V, -40/85C, Lead Spacing = 2.5mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESK106M063AC3FA Datasheet(HTML) 1 Page - Kemet Corporation

  ESK106M063AC3FA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 12/28/2017 - 736f4ebf-860f-4bd2-845e-e86ef71414fb
KEMET Part Number: ESK106M063AC3FA
ESK, Aluminum Electrolytic, 85C, 10 uF, 20%, 63 V, -40/+85C, Lead Spacing = 2.5mm
Dimensions
D
5mm +/-0.5mm
L
11mm +1.5/-0mm
S
2.5mm +/-0.5mm
H0
16mm +/-0.75mm
F
0.5mm NOM
Packaging Specifications
Packaging: Ammo
Packaging Quantity: 2000
General Information
Supplier: KEMET
Series: ESK
Dielectric: Aluminum Electrolytic
Description: Single Ended, Aluminum
Electrolytic
RoHS: Yes
Lead: Formed To 2.5mm
Specifications
Capacitance: 10 uF
Capacitance Tolerance: 20%
Voltage DC: 63 VDC, 79 VDC (Surge)
Temperature Range: -40/+85C
Rated Temperature: 85C
Life: 2000 Hrs
Dissipation Factor: 10% 120Hz 20C
Current: 70 mAmps (120Hz 85C)
Leakage Current: 6.3 uA (2min 20C)
Impedance Ratio at -25C: 3
Impedance Ratio at -40C: 3
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - ESK106M063AC3FA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESK106M063AC3AA KEMET-ESK106M063AC3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 10 uF, 20%, 63 V, -40/85C, 11mm, Lead Spacing = 2mm
More results

Similar Description - ESK106M063AC3FA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESK226M063AE3AA KEMET-ESK226M063AE3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 22 uF, 20%, 63 V, -40/85C, Lead Spacing = 2.5mm
ESK106M063AC3AA KEMET-ESK106M063AC3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 10 uF, 20%, 63 V, -40/85C, 11mm, Lead Spacing = 2mm
ESK108M063AM7AA KEMET-ESK108M063AM7AA Datasheet
77Kb / 1P
Aluminum Electrolytic, 85C, ESK, 1000 uF, 20%, 63 V, -40/85C, Lead Spacing = 7.5mm
ESK228M063AN3AA KEMET-ESK228M063AN3AA Datasheet
77Kb / 1P
Aluminum Electrolytic, 85C, ESK, 2200 uF, 20%, 63 V, -40/85C, Lead Spacing = 7.5mm
ESK336M050AE3AA KEMET-ESK336M050AE3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 33 uF, 20%, 50 V, -40/85C, Lead Spacing = 2.5mm
ESK336M063AE3AA KEMET-ESK336M063AE3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 33 uF, 20%, 63 V, -40/85C, Lead Spacing = 2.5mm
ESK476M050AE3AA KEMET-ESK476M050AE3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 47 uF, 20%, 50 V, -40/85C, Lead Spacing = 2.5mm
ESK476M063AE3AA KEMET-ESK476M063AE3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 47 uF, 20%, 63 V, -40/85C, Lead Spacing = 2.5mm
ESK477M010AE3AA KEMET-ESK477M010AE3AA Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ESK, 470 uF, 20%, 10 V, -40/85C, Lead Spacing = 2.5mm
ESK105M100AC3FA KEMET-ESK105M100AC3FA Datasheet
125Kb / 1P
ESK, Aluminum Electrolytic, 85C, 1 uF, 20%, 100 V, -40/85C, Lead Spacing = 2.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com