Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3J02T Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3J02T
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J02T Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3J02T Datasheet HTML 1Page - Toshiba Semiconductor SSM3J02T Datasheet HTML 2Page - Toshiba Semiconductor SSM3J02T Datasheet HTML 3Page - Toshiba Semiconductor SSM3J02T Datasheet HTML 4Page - Toshiba Semiconductor SSM3J02T Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3J02T
2002-01-17
2
Electrical Characteristics (Ta
==== 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0
¾
¾
±1
mA
Drain-Source breakdown voltage
V (BR) DSS
ID = -1 mA, VGS = 0
-30
¾
¾
V
Drain Cut-off current
IDSS
VDS = -30 V, VGS = 0
¾
¾
-1
mA
Gate threshold voltage
Vth
VDS = -3 V, ID = -0.1 mA
-0.6
¾
-1.1
V
Forward transfer admittance
|Yfs|
VDS = -3 V, ID = -0.3 A
(Note3)
0.6
¾
¾
S
ID = -0.3 A, VGS = -4 V
(Note3)
¾
0.4
0.5
Drain-Source ON resistance
RDS (ON)
ID = -0.3 A, VGS = -2.5 V
(Note3)
¾
0.55
0.7
W
Input capacitance
Ciss
VDS = -10 V, VGS = 0, f = 1 MHz
¾
150
¾
pF
Reverse transfer capacitance
Crss
VDS = -10 V, VGS = 0, f = 1 MHz
¾
21
¾
pF
Output capacitance
Coss
VDS = -10 V, VGS = 0, f = 1 MHz
¾
61
¾
pF
Turn-on time
ton
¾
55
¾
Switching time
Turn-off time
toff
VDD = -15 V, ID = -0.3 A,
VGS = 0 to -2.5 V, RG = 4.7 W
¾
52
¾
ns
Note3:
Pulse test
Switching Time Test Circuit
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = -100 mA
for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off)
requires lower voltage than Vth.
(relationship can be established as follows: VGS (off) < Vth < VGS (on))
Please take this into consideration for using the device.
VGS recommended voltage of -2.5 V or higher to turn on this product.
ton
toff
(b) VIN
VGS
(c) VOUT
VDS
0
-2.5 V
VDS (ON)
VDD
tr
tf
10%
90%
90%
10%
(a) Test circuit
0
-2.5 V
IN
OUT
VDD
10
ms
VIN
VDD = -15 V
RG = 4.7 W
D.U. <= 1%
VIN: tr, tf < 5 ns
COMMON SOURCE
Ta
= 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com