Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDB7910 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDB7910
Description  MEDIUM POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDB7910 Datasheet(HTML) 4 Page - STMicroelectronics

  TDB7910 Datasheet HTML 1Page - STMicroelectronics TDB7910 Datasheet HTML 2Page - STMicroelectronics TDB7910 Datasheet HTML 3Page - STMicroelectronics TDB7910 Datasheet HTML 4Page - STMicroelectronics TDB7910 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-15V
+15V
Non-inverting
Input
Inverting
Input
11
10
14
15
9
16
8
6
sc
R
Output
C c
1, 2, 4, 5, 12, 13
20k
Ω
Offset adjust
(optional)
TDB7910
7
BASIC DIAGRAM
350
300
250
200
150
100
50
-60
-20
20
60
100
140
180
JUNCTION TEMPERATURE (
°C)
V
CC =
15V
INPUT BIAS CURRENT
150
100
50
0
-60
-20
20
60
100
140
180
JUNCTION TEMPERATURE (
°C)
V
CC =
15V
INPUT OFFSET CURRENT
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE (
°C)
1250
1000
750
500
250
0
R
= 1.5 Ω
SC
R= 3
Ω
SC
SHORT-CIRCUIT CURRENT
TDB7910-TDA7910
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com