Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC58FVT160AFT Datasheet(PDF) 38 Page - Toshiba Semiconductor

Part # TC58FVT160AFT
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT160AFT Datasheet(HTML) 38 Page - Toshiba Semiconductor

Back Button TC58FVT160AFT Datasheet HTML 33Page - Toshiba Semiconductor TC58FVT160AFT Datasheet HTML 34Page - Toshiba Semiconductor TC58FVT160AFT Datasheet HTML 35Page - Toshiba Semiconductor TC58FVT160AFT Datasheet HTML 36Page - Toshiba Semiconductor TC58FVT160AFT Datasheet HTML 37Page - Toshiba Semiconductor TC58FVT160AFT Datasheet HTML 38Page - Toshiba Semiconductor TC58FVT160AFT Datasheet HTML 39Page - Toshiba Semiconductor TC58FVT160AFT Datasheet HTML 40Page - Toshiba Semiconductor TC58FVT160AFT Datasheet HTML 41Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
TC58FVT160/B160AFT/AXB-70,-10
2002-08-06
38/41
BLOCK ERASE ADDRESS TABLES
(1) TC58FVT160A (top boot block)
BLOCK ADDRESS
ADDRESS RANGE
BLOCK
#
A19 A18 A17 A16 A15 A14 A13 A12
BLOCK SIZE
(Kbytes/Kwords)
BYTE MODE
WORD MODE
BA0
0
0
0
0
0
×
×
×
64/32
00000h~0FFFFh
00000h~07FFFh
BA1
0
0
0
0
1
×
×
×
64/32
10000h~1FFFFh
08000h~0FFFFh
BA2
0
0
0
1
0
×
×
×
64/32
20000h~2FFFFh
10000h~17FFFh
BA3
0
0
0
1
1
×
×
×
64/32
30000h~3FFFFh
18000h~1FFFFh
BA4
0
0
1
0
0
×
×
×
64/32
40000h~4FFFFh
20000h~7FFFFh
BA5
0
0
1
0
1
×
×
×
64/32
50000h~5FFFFh
28000h~2FFFFh
BA6
0
0
1
1
0
×
×
×
64/32
60000h~6FFFFh
30000h~37FFFh
BA7
0
0
1
1
1
×
×
×
64/32
70000h~7FFFFh
38000h~3FFFFh
BA8
0
1
0
0
0
×
×
×
64/32
80000h~8FFFFh
40000h~47FFFh
BA9
0
1
0
0
1
×
×
×
64/32
90000h~9FFFFh
48000h~4FFFFh
BA10
0
1
0
1
0
×
×
×
64/32
A0000h~AFFFFh
50000h~57FFFh
BA11
0
1
0
1
1
×
×
×
64/32
B0000h~BFFFFh
58000h~5FFFFh
BA12
0
1
1
0
0
×
×
×
64/32
C0000h~CFFFFh
60000h~67FFFh
BA13
0
1
1
0
1
×
×
×
64/32
D0000h~DFFFFh
68000h~6FFFFh
BA14
0
1
1
1
0
×
×
×
64/32
E0000h~EFFFFh
70000h~77FFFh
BA15
0
1
1
1
1
×
×
×
64/32
F0000h~FFFFFh
78000h~7FFFFh
BA16
1
0
0
0
0
×
×
×
64/32
100000h~10FFFFh
80000h~87FFFh
BA17
1
0
0
0
1
×
×
×
64/32
110000h~11FFFFh
88000h~8FFFFh
BA18
1
0
0
1
0
×
×
×
64/32
120000h~12FFFFh
90000h~97FFFh
BA19
1
0
0
1
1
×
×
×
64/32
130000h~13FFFFh
98000h~9FFFFh
BA20
1
0
1
0
0
×
×
×
64/32
140000h~14FFFFh
A0000h~A7FFFh
BA21
1
0
1
0
1
×
×
×
64/32
150000h~15FFFFh
A8000h~AFFFFh
BA22
1
0
1
1
0
×
×
×
64/32
160000h~16FFFFh
B0000h~B7FFFh
BA23
1
0
1
1
1
×
×
×
64/32
170000h~17FFFFh
B8000h~BFFFFh
BA24
1
1
0
0
0
×
×
×
64/32
180000h~18FFFFh
C0000h~C7FFFh
BA25
1
1
0
0
1
×
×
×
64/32
190000h~19FFFFh
C8000h~CFFFFh
BA26
1
1
0
1
0
×
×
×
64/32
1A0000h~1AFFFFh
D0000h~D7FFFh
BA27
1
1
0
1
1
×
×
×
64/32
1B0000h~1BFFFFh
D8000h~DFFFFh
BA28
1
1
1
0
0
×
×
×
64/32
1C0000h~1CFFFFh
E0000h~E7FFFh
BA29
1
1
1
0
1
×
×
×
64/32
1D0000h~1DFFFFh
E8000h~EFFFFh
BA30
1
1
1
1
0
×
×
×
64/32
1E0000h~1EFFFFh
F0000h~F7FFFh
BA31
1
1
1
1
1
0
×
×
32/16
1F0000h~1F7FFFh
F8000h~FBFFFh
BA32
1
1
1
1
1
1
0
0
8/4
1F8000h~1F9FFFh
FC000h~FCFFFh
BA33
1
1
1
1
1
1
0
1
8/4
1FA000h~1FBFFFh
FD000h~FDFFFh
BA34
1
1
1
1
1
1
1
×
16/8
1FC000h~1FFFFFh
FE000h~FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com