Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1612 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS1612
Description  TRIAC Dimmable LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1612 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS1612 Datasheet HTML 8Page - Cirrus Logic CS1612 Datasheet HTML 9Page - Cirrus Logic CS1612 Datasheet HTML 10Page - Cirrus Logic CS1612 Datasheet HTML 11Page - Cirrus Logic CS1612 Datasheet HTML 12Page - Cirrus Logic CS1612 Datasheet HTML 13Page - Cirrus Logic CS1612 Datasheet HTML 14Page - Cirrus Logic CS1612 Datasheet HTML 15Page - Cirrus Logic CS1612 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CS1610/11/12/13
12
CS1610/11/12/13
5.8
Overtemperature Protection
The CS1610/11/12/13 incorporates both internal overtemper-
ature protection (iOTP) and the ability to connect an external
overtemperature sense circuit for IC protection. Typically, a
NTC thermistor is used.
5.8.1
Internal Overtemperature Protection
Internal overtemperature protection (iOTP) is activated, and
switching is disabled when the die temperature of the devices
exceeds 135°C. There is a hysteresis of about 14°C before
resuming normal operation.
5.8.2
External Overtemperature Protection
The external overtemperature protection (eOTP) pin is used to
implement overtemperature protection using an external
negative temperature coefficient (NTC) thermistor. The total
resistance on the eOTP pin is converted to an 8-bit digital
‘CODE’ (which gives an indication of the temperature) using a
digital feedback loop, which adjusts the current (ICONNECT)
into the NTC and series resistor (RS) to maintain a constant
reference voltage of 1.25V (VCONNECT(th)). Figure 14
illustrates the functional block diagram when connecting an
optional external NTC temperature sensor to the eOTP circuit.
Figure 14. eOTP Functional Diagram
Current ICONNECT is generated from an 8-bit controlled current
source with a full-scale current of 80
A. See Equation 8:
When the loop is in equilibrium, the voltage on the eOTP pin
fluctuates around VCONNECT(th). The digital ‘CODE’ output by
the ADC is used to generate ICONNECT. In normal operating
mode, the ICONNECT current is updated once every seventh
half line-cycle by a single ± LSB step. See Equation 9:
Solving Equation 9 for CODE:
The tracking range of this resistance ADC is approximately
15.5k
 to 4M. The series resistor RS is used to adjust the
resistance of the NTC to fall within this ADC tracking range so
that the entire 8-bit dynamic range of the ADC is well used. A
14k
 (±1% tolerance) series resistor is required to allow
measurements of up to 130°C to be within the eOTP tracking
range when a 100k
 NTC with a Beta of 4334 is used. The
eOTP tracking circuit is designed to function accurately with
external capacitance up to 470pF. A higher 8-bit code output
reflects a lower resistance and hence a higher external
temperature.
The ADC output code is filtered to suppress noise and
compared against a reference code that corresponds to
125/130°C. If the temperature exceeds this threshold, the
chip enters an external overtemperature state and shuts
down. This is not a latched protection state, and the ADC
keeps tracking the temperature in this state in order to clear
the fault state once the temperature drops below 110°C. If an
external overtemperature protection thermistor is not used,
connect the eOTP pin to GND using a 50k
 to 500k resistor
to disable the eOTP feature.
When exiting reset, the chip enters startup and the ADC
quickly (<5ms) tracks the external temperature to check if it is
below the 110°C reference code before the boost and second
stages are powered up. If this check fails, the chip will wait
until this condition becomes true before initializing the rest of
the system.
For external overtemperature protection, a second low-pass
filter with a time constant of two seconds filters the ADC output
and uses it to scale down the internal dim level of the system
(and hence the LED current, ILED) if the temperature exceeds
95 °C (see Figure 15). The large time constant for this filter
ensures that the dim scaling does not happen spontaneously
and is not noticeable (suppress spurious glitches). The ILED
starts reducing when RNTC ~ 6.3k (assuming a 14k1%
tolerance, series resistor), which corresponds to a
temperature of 95°C for a 100k
 NTC (100k
at 25°C). The
ILED current is scaled until the NTC value reaches 2.5k
(125°C). The CS1610/11/12/13 uses this calculated value to
scale the output LED current, ILED, as shown in Figure 15.
Figure 15. LED Current vs. eOTP Temperature
Beyond this temperature, the IC shuts down using the
mechanism discussed above. If the external overtemperature
protection feature is not required, connect the eOTP pin to
GND using a 50k
-to-500k resistor to disable the eOTP
feature.
CS1610/11/12/13
+
-
I
CONNE CT
V
CONNE CT
(th)
Comp_Out
eOTP
Control
eOTP
RS
CNTC
NTC
V
DD
10
(Optional )
ICONNECT
VCONNECT th

R
-------------------------------------
=
[Eq.8]
CODE
ICONNECT
2
N
---------------------------
VCONNECT th

RNTC RS
+
-------------------------------------
=
[Eq.9]
CODE
2
N
VCONNECT th

ICONNECT
RNTC RS
+

-------------------------------------------------------------------
=
256 1.25 V
80
A

RNTC RS
+

-----------------------------------------------------------
=
410
6
RNTC RS
+

---------------------------------
=
[Eq.10]
Temperature (
°C)
125
95
50%
100%
0
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com