Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN16443 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # FN16443
Description  Stella Assembly
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN16443 Datasheet(HTML) 2 Page - Ledil, Inc.

  FN16443 Datasheet HTML 1Page - Ledil, Inc. FN16443 Datasheet HTML 2Page - Ledil, Inc. FN16443 Datasheet HTML 3Page - Ledil, Inc. FN16443 Datasheet HTML 4Page - Ledil, Inc. FN16443 Datasheet HTML 5Page - Ledil, Inc. FN16443 Datasheet HTML 6Page - Ledil, Inc. FN16443 Datasheet HTML 7Page - Ledil, Inc. FN16443 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INDEX PART
TYPE
MATERIAL
COLOR / COATING
1
F16442_STELLA-G2-VSM Lens
Dow Corning MS 1002 transparent
2
F13322_STELLA-FRAME
Frame PA66GF30
black
COMPONENTS
FN16443_STELLA-G2-VSM
1
PCB or heatsink level.
2
LED location.
3
Ensure LED fitting from a product specific 3D model available from
www.ledil.com.
4
Cut-out for connector
5
See installation details in page 2.
Notes
A
H
B
G
3
2
4
1
SCALE
1:1
WEIGHT
35,87 g
A3
SHEET 1/1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures: Up to 30mm
class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
PRODUCT
STELLA-G2-VSM
MECHANICAL DRAWING
25.6
5.5
Front view
Scale:
1:1
A
A
37.5
37.5
37.5
75
58.12
58.12
Bottom view
Scale:
1:1
Note 2
Note 4
Note 1
90
Top view
Scale:
1:1
Beam direction
B
6.2
Section view A-A
Scale:
1:1
Note 4
4.25
Detail B
Scale:
2:1
Isometric view
Scale:
1:2
1
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com