Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8698ARM-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8698ARM-R2
Description  Dual Precision, Rail-to-Rail Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8698ARM-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8698ARM-R2 Datasheet HTML 11Page - Analog Devices AD8698ARM-R2 Datasheet HTML 12Page - Analog Devices AD8698ARM-R2 Datasheet HTML 13Page - Analog Devices AD8698ARM-R2 Datasheet HTML 14Page - Analog Devices AD8698ARM-R2 Datasheet HTML 15Page - Analog Devices AD8698ARM-R2 Datasheet HTML 16Page - Analog Devices AD8698ARM-R2 Datasheet HTML 17Page - Analog Devices AD8698ARM-R2 Datasheet HTML 18Page - Analog Devices AD8698ARM-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8698
Rev. 0 | Page 15 of 20
1k
10k
100k
1M
10M
LOAD CAPACITANCE (nF)
1
10
100
Figure 52. Unity Gain Bandwidth vs. Load Capacitance
Figure 52 shows the unity gain bandwidth as a function of load
capacitance.
INSTRUMENTATION AMPLIFIER
Instrumentation amplifiers are used in applications requiring
precision, accuracy, and high CMRR. One popular application
is signal conditioning in process control, test automation, and
measurement instrumentation, where the amplifier is used to
amplify small signals.
The triple op amp implementation uses the AD8698 at the
front end with the OP184 for optimum accuracy.
The circuit in Figure 53 enjoys a high overall gain, excellent dc
performance, high CMRR, as well as the benefit of an output
that swings to the supplies.
The CMRR of the in-amp will be limited by the choice of
resistor tolerance. R5 is an optional potentiometer that can be
used to calibrate the circuit for maximum gain. R7 can be
trimmed for optimum CMRR.
The output voltage is given by:
⎛ +
=
1
R
2
R
4
R
3
R
V
V
IN
O
2
1
V–
V+
V+
R3
9k
R1
1k
R2
10k
R1
9.8k
R7
400
R4
2k
R5
10k
R3
9k
V–
V2
V1
V–
V+
OP184
1/2 AD8698
1/2 AD8698
Figure 53. Three Op Amp In-Amp
COMPOSITE AMPLIFIER
The dc accuracy of the AD8698 and the ac performance of the
OP184 are combined in the circuit shown in Figure 54. The
composite amplifier provides a higher bandwidth, a lower offset
voltage, and a higher loop, thereby reducing the gain error
substantially.
The circuit shown exhibits a total output rms noise of less than
500 µV, corresponding to less than 3 mV of peak-to-peak noise
over approximately a 3 MHz bandwidth. Cf is used to minimize
peaking.
The circuit has an inverting gain of 10. In applications with
higher closed-loop gains, Cf is necessary to maintain a
sufficient phase margin and ensure stability. This results in a
narrower closed-loop bandwidth.
V+
OP184
1/2 AD8698
V–
V+
V–
R2
10k
R1
1k
Cf
20pF
VIN
Figure 54. Composite Amplifier Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com