Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C4040-8 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C4040-8
Description  Snap-On MMBX Plug to N Female Bulkhead Cable 8 Inch Length Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4040-8 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C4040-8 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4040-8 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4040-8 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4040-8 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
0.24
0.26
0.3
0.35
0.42
dB
.
Mechanical Specifications
Cable Assembly
Length*
8 in [203.2 mm]
Diameter
0.807 in [20.5 mm]
.
Cable
Cable Type
RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PE
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Jacket Material
PVC, Black
Jacket Diameter
0.11 in [2.79 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
MMBX Plug
N Female Bulkhead
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Connection Method
Snap-On
Mating Cycles
100
100
Contact Material and Plating
Beryllium Copper, Gold
Brass, Gold
Contact Plating Specification
30 µin minimum
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Brass, Nickel
Body Plating Specification
100 µin minimum
.
Mechanical Specification Notes:
PE3C4040-8 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Snap-On MMBX Plug to N Female Bulkhead Cable 8 Inch Length Using RG174 Coax
PE3C4040-8
RF Cable Assemblies Technical Data Sheet
PE3C4040-8
Snap-On MMBX Plug to N Female Bulkhead
Cable 8 Inch Length Using RG174 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com