Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DS163D Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM29DS163D
Description  16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS163D Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM29DS163D Datasheet HTML 29Page - Advanced Micro Devices AM29DS163D Datasheet HTML 30Page - Advanced Micro Devices AM29DS163D Datasheet HTML 31Page - Advanced Micro Devices AM29DS163D Datasheet HTML 32Page - Advanced Micro Devices AM29DS163D Datasheet HTML 33Page - Advanced Micro Devices AM29DS163D Datasheet HTML 34Page - Advanced Micro Devices AM29DS163D Datasheet HTML 35Page - Advanced Micro Devices AM29DS163D Datasheet HTML 36Page - Advanced Micro Devices AM29DS163D Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Am29DS163D
33
ADV ANCE
I N FO RMAT I O N
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. The ICC current listed is typically less than 1 mA/MHz, with OE# at VIH.
2. Maximum ICC specifications are tested with VCC = VCCmax.
3. ICC active while Embedded Erase or Embedded Program is in progress.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns. Typical sleep mode current is
200 nA.
5. Not 100% tested.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC max; A9 = 11 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current
(Notes 1, 2)
CE# = VIL, OE# = VIH,
Byte Mode
5 MHz
5
16
mA
1 MHz
1
4
CE# = VIL, OE# = VIH,
Word Mode
5 MHz
5
16
1 MHz
1
4
ICC2
VCC Active Write Current (Notes 2, 3) CE# = VIL, OE# = VIH, WE# = VIL
10
15
mA
ICC3
VCC Standby Current (Note 2)
CE#, RESET# = VCC ± 0.3 V
0.2
5
µA
ICC4
VCC Reset Current (Note 2)
RESET# = VSS ± 0.3 V
0.2
5
µA
ICC5
Automatic Sleep Mode (Notes 2, 4)
VIH = VCC ± 0.3 V;
VIL = VSS ± 0.3 V
0.2
5
µA
ICC6
VCC Active Read-While-Program
Current (Notes 1, 2)
CE# = VIL, OE# = VIH
Byte
15
25
mA
Word
15
25
ICC7
VCC Active Read-While-Erase
Current (Notes 1, 2)
CE# = VIL, OE# = VIH
Byte
15
25
mA
Word
15
25
ICC8
VCC Active
Program-While-Erase-Suspended
Current (Notes 2, 5)
CE# = VIL, OE# = VIH
10
15
mA
IACC
ACC Accelerated Program Current,
Word or Byte
CE# = VIL, OE# = VIH
ACC pin
5
10
mA
VCC pin
10
15
mA
VIL
Input Low Voltage
–0.5
VCC x 0.2
V
VIH
Input High Voltage
0.8 x VCC
VCC + 0.3
V
VHH
Voltage for WP#/ACC Sector
Protect/Unprotect and Program
Acceleration
VCC = 1.8–2.2 V
8.5
9.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 1.8–2.2 V
9.0
11.0
V
VOL
Output Low Voltage
IOL = 2.0 mA, VCC = VCC min
0.25
V
VOH1
Output High Voltage
IOH = –2.0 mA, VCC = VCC min
0.7 VCC
V
VOH2
IOH = –100 µA, VCC = VCC min
VCC–0.1
VLKO
Low VCC Lock-Out Voltage (Note 5)
1.2
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com