Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DL640D90WHIN Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM29DL640D90WHIN
Description  64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640D90WHIN Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM29DL640D90WHIN Datasheet HTML 29Page - Advanced Micro Devices AM29DL640D90WHIN Datasheet HTML 30Page - Advanced Micro Devices AM29DL640D90WHIN Datasheet HTML 31Page - Advanced Micro Devices AM29DL640D90WHIN Datasheet HTML 32Page - Advanced Micro Devices AM29DL640D90WHIN Datasheet HTML 33Page - Advanced Micro Devices AM29DL640D90WHIN Datasheet HTML 34Page - Advanced Micro Devices AM29DL640D90WHIN Datasheet HTML 35Page - Advanced Micro Devices AM29DL640D90WHIN Datasheet HTML 36Page - Advanced Micro Devices AM29DL640D90WHIN Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
32
Am29DL640D
October 7, 2004
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –65
°C to +125°C
Voltage with Respect to Ground
V
CC (Note 1) . . . . . . . . . . . . . . . . . –0.5 V to +4.0 V
A9, OE#, and RESET#
(Note 2) . . . . . . . . . . . . . . . . . . . . –0.5 V to +12.5 V
WP#/ACC . . . . . . . . . . . . . . . . . . –0.5 V to +10.5 V
All other pins (Note 1) . . . . . . –0.5 V to V
CC +0.5 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V.
Dur in g vo ltage tran sitions, inpu t or I/O pins may
overshoot V
SS to – 2.0 V for pe r iods of up to 2 0 ns.
Maximum DC voltage on input or I/O pins is V
CC +0.5 V.
See Figure 8. During voltage transitions, input or I/O pins
may overshoot to V
CC +2.0 V for periods up to 20 ns. See
Figure 9.
2. Minimum DC input voltage on pins A9, OE#, RESET#,
and WP#/ACC is –0.5 V. During voltage transitions, A9,
OE#, WP#/ACC, and RESET# may overshoot V
SS to
–2.0 V for periods of up to 20 ns. See Figure 8. Maximum
DC input voltage on pin A9 is +12.5 V which may
overshoot to +14.0 V for periods up to 20 ns. Maximum
DC input voltage on WP#/ACC is +9.5 V which may
overshoot to +12.0 V for periods up to 20 ns.
3. No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater
than one second.
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this data sheet is not implied.
E xposure of the device to absolute m aximu m rating
conditions for extended periods may affect device reliability.
Figure 8.
Maximum Negative
Overshoot Waveform
Figure 9.
Maximum Positive Overshoot Waveform
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (T
A) . . . . . . . . . –40°C to +85°C
Extended (E) Devices
Ambient Temperature (T
A) . . . . . . . . –55°C to +125°C
V
CC Supply Voltages
V
CC for standard voltage range . . . . . . . 2.7 V to 3.6 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
V
CC
+2.0 V
V
CC
+0.5 V
20 ns
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com