Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1705-T Datasheet(PDF) 11 Page - ams AG

Part # AS1705-T
Description  1.6W Single-Channel Audio Power Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1705-T Datasheet(HTML) 11 Page - ams AG

Back Button AS1705-T Datasheet HTML 5Page - ams AG AS1705-T Datasheet HTML 6Page - ams AG AS1705-T Datasheet HTML 7Page - ams AG AS1705-T Datasheet HTML 8Page - ams AG AS1705-T Datasheet HTML 9Page - ams AG AS1705-T Datasheet HTML 10Page - ams AG AS1705-T Datasheet HTML 11Page - ams AG AS1705-T Datasheet HTML 12Page - ams AG AS1705-T Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
11 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
Package Drawings and Markings
8.2 Package Drawings and Markings
Figure 7. MSOP-10 Package
Notes:
1. All dimensions are in millimeters (angle in degrees), unless oth-
erwise specified.
2. Datums B and C to be determined at datum plane H.
3. Dimensions D and E1 are to be determined at datum plane H.
4. Dimensions D2 and E2 are for top package and D and E1 are for
bottom package.
5. Cross section A-A to be determined at 0.12 to 0.25mm from the
lead tip.
6. Dimensions D and D2 do not include mold flash, protrusion, or
gate burrs.
7. Dimension E1 and E2 do not include interlead flash or protrusion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com