Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTS3306 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBTS3306
Description  Dual bus switch with Schottky diode clamping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTS3306 Datasheet(HTML) 3 Page - NXP Semiconductors

  CBTS3306 Datasheet HTML 1Page - NXP Semiconductors CBTS3306 Datasheet HTML 2Page - NXP Semiconductors CBTS3306 Datasheet HTML 3Page - NXP Semiconductors CBTS3306 Datasheet HTML 4Page - NXP Semiconductors CBTS3306 Datasheet HTML 5Page - NXP Semiconductors CBTS3306 Datasheet HTML 6Page - NXP Semiconductors CBTS3306 Datasheet HTML 7Page - NXP Semiconductors CBTS3306 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product data
CBTS3306
Dual bus switch with Schottky diode clamping
2001 Nov 08
3
ABSOLUTE MAXIMUM RATINGS1
Tamb = –40 to +85 °C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
VI
DC input voltage2
–0.5 to +7.0
V
IOUT
DC output current
128
mA
IIK
Diode current
VI/O < 0
–50
mA
Tstg
Storage temperature range
–65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
3. The package thermal impedance is calculated in accordance with JESD 51.
RECOMMENDED OPERATING CONDITIONS1
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
4.5
5.5
V
VIH
High-level input voltage
2.0
—
V
VIL
Low-level Input voltage
—
0.8
V
Tamb
Operating free-air temperature range
–40
+85
°C
NOTE:
1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
DC ELECTRICAL CHARACTERISTICS
Tamb = –40 to +85 °C, unless otherwise specified.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = –40 to +85 °C
UNIT
MIN
TYP1
MAX
V
Input clamp voltage
A or B input
VCC = 4.5 V; II = –18 mA
—
—
–0.7
V
VIK
Input clamp voltage
Control inputs
VCC = 4.5 V; II = –18 mA
—
—
–1.2
V
II
Input leakage current
VCC = 5.5 V; VI = GND or 5.5 V
—
—
±1
µA
ICC
Quiescent supply current
VCC = 5.5 V; IO = 0, VI = VCC or GND
—
—
3
µA
VP
Output high pass voltage
VO = VCC = 5.0 V; II = –100 mA
3.4
3.6
3.9
V
∆ICC
Additional supply current per input pin2
VCC = 5.5 V, one input at 3.4 V,
other inputs at VCC or GND
—
—
2.5
mA
CI
Control pin capacitance
VI= 3 V or 0
—
3.25
—
pF
CIO(OFF)
Port off capacitance
VO = 3 V or 0; OE = VCC
—
7.60
—
pF
3
VCC = 4.5 V; VI = 0 V; II = 64 mA
—
3.4
5
Ω
ron 3
On-resistance
VCC = 4.5 V; VI = 0 V; II = 30 mA
—
3.4
5
Ω
VCC = 4.5 V; VI = 2.4 V; II = 15 mA
—
6.8
7.5
Ω
NOTES:
1. All typical values are at VCC = 5 V, Tamb = 25 °C.
2. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND
3. Measured by the voltage drop between the A and the B terminals at the indicated current through the switch.
On-state resistance is determined by the lowest voltage of the two (A or B) terminals.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com