Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DS163DB100WAF Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29DS163DB100WAF
Description  16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS163DB100WAF Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29DS163DB100WAF Datasheet HTML 31Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 32Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 33Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 34Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 35Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 36Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 37Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 38Page - Advanced Micro Devices AM29DS163DB100WAF Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Am29DS163D
35
ADV ANCE
I N FO RMAT I O N
TEST CONDITIONS
Table 16. Test Specifications
Key To Switching Waveforms
CL
Device
Under
Test
Note: Diodes are IN3064 or equivalent
Figure 11.
Test Setup
Test Condition
100, 120
Unit
Output Load
1 TTL gate
Output Load Capacitance, CL
(including jig capacitance)
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Levels
0.0–2.0 V
V
Input timing measurement
reference levels
1.0
V
Output timing measurement
reference levels
1.0
V
WAVEFORM
INPUTS
OUTPUTS
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)
2.0 V
0.0 V
1.0 V
1.0 V
Output
Measurement Level
Input
Figure 12. Input Waveforms and Measurement Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com