Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95221 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95221
Description  Dual Remote Diode Digital Temperature Sensor with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95221 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM95221 Datasheet HTML 8Page - National Semiconductor (TI) LM95221 Datasheet HTML 9Page - National Semiconductor (TI) LM95221 Datasheet HTML 10Page - National Semiconductor (TI) LM95221 Datasheet HTML 11Page - National Semiconductor (TI) LM95221 Datasheet HTML 12Page - National Semiconductor (TI) LM95221 Datasheet HTML 13Page - National Semiconductor (TI) LM95221 Datasheet HTML 14Page - National Semiconductor (TI) LM95221 Datasheet HTML 15Page - National Semiconductor (TI) LM95221 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2.0 LM95221 Registers (Continued)
2.1 STATUS REGISTER
(Read Only Address 02h):
D7
D6
D5
D4
D3
D2
D1
D0
Busy
Reserved
RD2M
RD1M
00000
Bits
Name
Description
7
Busy
When set to "1" the part is converting.
6-2
Reserved
Reports "0" when read.
1
Remote diode 2 missing (RD2M)
Remote Diode 2 is missing. (i.e. D2+ shorted to V
DD, Ground or D2-,
or D2+ is floating). Temperature Reading is FFE0h which converts to
255.875 ˚C if unsigned format is selected or 8000h which converts to
–128.000 ˚C if signed format is selected.
0
Remote diode 1 missing (RD1M)
Remote Diode 1 is missing. (i.e. D1+ shorted to V
DD, Ground or D1-,
or D1+ is floating). Temperature Reading is FFE0h which converts to
255.875 ˚C if unsigned format is selected or 8000h which converts to
–128.000 ˚C if signed format is selected.
2.2 CONFIGURATION REGISTER
(Read Address 03h /Write Address 03h):
D7
D6
D5
D4
D3
D2
D1
D0
0
RUN/STOP
CR1
CR0
0
R2DF
R1DF
0
Bits
Name
Description
7
Reserved
Reports "0" when read.
6
RUN/STOP
Logic 1 disables the conversion and puts the part in standby mode.
Conversion can be activated by writing to one-shot register.
5-4
Conversion Rate (CR1:CR0)
00: continuous mode 66ms, 15 Hz (typ)
01: converts every 200ms, 5 Hz (typ)
10: converts every 1 second, 1 Hz (typ)
11: converts every 3 seconds, 1⁄3 Hz (typ)
Note: typically a remote diode conversion takes 26 ms and local
conversion takes 14 ms.
3
Reserved
Reports "0" when read.
2
Remote 2 Data Format (R2DF)
Logic 0: unsigned Temperature format (0 ˚C to +255.875 ˚C)
Logic 1: signed Temperature format (-128 ˚C to +127.875 ˚C)
1
Remote 1 Data Format (R1DF)
Logic 0: unsigned Temperature format (0 ˚C to +255.875 ˚C)
Logic 1: signed Temperature format (-128 ˚C to +127.875 ˚C)
0
Reserved
Reports "0" when read.
Power up default is with all bits “0” (zero)
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com