Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAT676 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LAT676
Description  LA T676 specified at 2mA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAT676 Datasheet(HTML) 5 Page - OSRAM GmbH

  LAT676_18 Datasheet HTML 1Page - OSRAM GmbH LAT676_18 Datasheet HTML 2Page - OSRAM GmbH LAT676_18 Datasheet HTML 3Page - OSRAM GmbH LAT676_18 Datasheet HTML 4Page - OSRAM GmbH LAT676_18 Datasheet HTML 5Page - OSRAM GmbH LAT676_18 Datasheet HTML 6Page - OSRAM GmbH LAT676_18 Datasheet HTML 7Page - OSRAM GmbH LAT676_18 Datasheet HTML 8Page - OSRAM GmbH LAT676_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LA T676 specified at 2mA
5 Version 1.2 | 2018-01-26
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 2 mA
I
F = 2 mA
I
F = 2 mA
min.
max.
typ.
I
v
I
v
Φ
V
L1
11.2 mcd
14.0 mcd
40.0 mlm
L2
14.0 mcd
18.0 mcd
50.0 mlm
M1
18.0 mcd
22.4 mcd
60.0 mlm
M2
22.4 mcd
28.0 mcd
80.0 mlm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 2 mA
I
F = 2 mA
min.
max.
λ
dom
λ
dom
2
612 nm
616 nm
3
616 nm
620 nm
4
620 nm
624 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com