Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C4050 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C4050
Description  Snap-On MMBX Plug Right Angle to Snap-On MMBX Plug Right Angle Cable Using RG316-DS Coax
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4050 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C4050 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4050 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4050 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4050 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4050 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
MMBX Plug Right Angle
MMBX Plug Right Angle
Impedance
50 Ohms
50 Ohms
Connection Method
Snap-On
Snap-On
Mating Cycles
100
100
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Brass, Gold
Brass, Gold
Body Material and Plating
Brass, Gold
Brass, Gold
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +155 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3C4050 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Snap-On MMBX Plug Right Angle to Snap-On MMBX Plug Right Angle Cable Using RG316-
DS Coax
PE3C4050
RF Cable Assemblies Technical Data Sheet
Snap-On MMBX Plug Right Angle to Snap-On MMBX
Plug Right Angle Cable Using RG316-DS Coax
PE3C4050



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com