Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL254 Datasheet(PDF) 72 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 72 Page - SPANSION

Back Button S71PL254 Datasheet HTML 68Page - SPANSION S71PL254 Datasheet HTML 69Page - SPANSION S71PL254 Datasheet HTML 70Page - SPANSION S71PL254 Datasheet HTML 71Page - SPANSION S71PL254 Datasheet HTML 72Page - SPANSION S71PL254 Datasheet HTML 73Page - SPANSION S71PL254 Datasheet HTML 74Page - SPANSION S71PL254 Datasheet HTML 75Page - SPANSION S71PL254 Datasheet HTML 76Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 196 page
background image
72
S29PL127J/S29PL064J/S29PL032J for MCP
S29PL127J_064J_032J_MCP_00_A3 August 12, 2004
Advance
I n f o rmation
operation using the DQ7 or DQ6 status bits, just as in the standard Word Program
operation. Refer to the Write Operation Status section for more information.
In the erase-suspend-read mode, the system can also issue the autoselect com-
mand sequence. The device allows reading autoselect codes even at addresses
within erasing sectors, since the codes are not stored in the memory array. When
the device exits the autoselect mode, the device reverts to the Erase Suspend
mode, and is ready for another valid operation. Refer to the Secured Silicon Sec-
tor Addresses and the Autoselect Command Sequence sections for details.
To resume the sector erase operation, the system must write the Erase Resume
command (address bits are don’t care). The bank address of the erase-sus-
pended bank is required when writing this command. Further writes of the
Resume command are ignored. Another Erase Suspend command can be written
after the chip has resumed erasing.
If the Persistent Sector Protection Mode Locking Bit is verified as programmed
without margin, the Persistent Sector Protection Mode Locking Bit Program Com-
mand should be reissued to improve program margin. If the Secured Silicon
Sector Protection Bit is verified as programmed without margin, the Secured Sil-
icon Sector Protection Bit Program Command should be reissued to improve
program margin. µµAfter programming a PPB, two additional cycles are needed
to determine whether the PPB has been programmed with margin. If the PPB has
been programmed without margin, the program command should be reissued to
improve the program margin. Also note that the total number of PPB program/
erase cycles is limited to 100 cycles. Cycling the PPBs beyond 100 cycles is not
guaranteed.
After erasing the PPBs, two additional cycles are needed to determine whether
the PPB has been erased with margin. If the PPBs has been erased without mar-
gin, the erase command should be reissued to improve the program margin. The
programming of either the PPB or DYB for a given sector or sector group can be
verified by writing a Sector Protection Status command to the device.
Note that there is no single command to independently verify the programming
of a DYB for a given sector group.
Command Definitions Tables
Table 17. Memory Array Command Definitions
Command (Notes)
Bus Cycles (Notes 1–4)
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 5)
1
RA
RD
Reset (Note 6)
1
XXX
F0
Autoselect
(Note 7)
Manufacturer ID
4
555
AA
2AA
55
(BA)
555
90
(BA)
X00
01
Device ID (Note 10)
6
555
AA
2AA
55
(BA)
555
90
(BA)
X01
227E
(BA)
X0E
(Note
10)
(BA)
X0F
(Note
10)
Secured Silicon Sector
Factory Protect (Note 8)
4
555
AA
2AA
55
(BA)
555
90
X03
(Note
8)
Sector Group Protect
Verify (Note 9)
4
555
AAA
2AA
55
(BA)
555
90
(SA)
X02
XX00/
XX01
Program
4
555
AA
2AA
55
555
A0
PA
PD
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Program/Erase Suspend (Note 11)
1
BA
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com