Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL254 Datasheet(PDF) 104 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 104 Page - SPANSION

Back Button S71PL254 Datasheet HTML 100Page - SPANSION S71PL254 Datasheet HTML 101Page - SPANSION S71PL254 Datasheet HTML 102Page - SPANSION S71PL254 Datasheet HTML 103Page - SPANSION S71PL254 Datasheet HTML 104Page - SPANSION S71PL254 Datasheet HTML 105Page - SPANSION S71PL254 Datasheet HTML 106Page - SPANSION S71PL254 Datasheet HTML 107Page - SPANSION S71PL254 Datasheet HTML 108Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 196 page
background image
104
Type 2 pSRAM
pSRAM_Type02_15A0 May 3, 2004
Advance
I n f o rmation
ACC Characteristics (Ta = -40°C to 85°C, VCC = 2.7 to 3.1 V)
Notes:
1. tWP (min)=70ns for continuous write operation over 50 times.
Symbol
Parameter
Speed Bins
Unit
70ns
Min
Max
tRC
Read Cycle Time
70
—
ns
tAA
Address Access Time
—
70
ns
tCO
Chip Select to Output
—
70
ns
tOE
Output Enable to Valid Output
—
35
ns
tBA
UB#, LB# Access Time
—
70
ns
tLZ
Chip Select to Low-Z Output
10
—
ns
tBLZ
UB#, LB# Enable to Low-Z Output
10
—
ns
tOLZ
Output Enable to Low-Z Output
5
—
ns
tHZ
Chip Disable to High-Z Output
0
25
ns
tBHZ
UB#, LB# Disable to High-Z Output
0
25
ns
tOHZ
Output Disable to High-Z Output
0
25
ns
tOH
Output Hold from Address Change
5
—
ns
tPC
Page Cycle Time
25
—
ns
tPA
Page Access Time
—
20
ns
tWC
Write Cycle Time
70
—
ns
tCW
Chip Select to End of Write
60
—
ns
tAS
Address Set-up Time
0
—
ns
tAW
Address Valid to End of Write
60
—
ns
tBW
UB#, LB# Valid to End of Write
60
—
ns
tWP
Write Pulse Width
55 (Note 1)
—
ns
tWR
Write Recovery Time
0
—
ns
tWHZ
Write to Output High-Z
0
25
ns
tDW
Data to Write Time Overlap
30
—
ns
tDH
Data Hold from Write Time
0
—
ns
tOW
End Write to Output Low-Z
5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com